Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8763B100ATSP Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 8763B100ATSP
Description  Miniature IEPE Triaxial Accelerometer, with TEDS Option
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

8763B100ATSP Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  8763B100ATSP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 8763B100ATSP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 8763B100ATSP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 8763B100ATSP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1/4
Acceleration
Ceramic Shear Triaxial Accelerometer
Miniature IEPE Triaxial Accelerometer, with TEDS Option
© 2014 ... 2021 Kistler Instrument Corp.,
75 John Glenn Dr., Amherst, NY 14228
Tel. 716-691-5100, sales.us@kistler.com, www.kistler.com. Kistler is a registered
trademark of Kistler Holding AG. Kistler Group products are protected by various
intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
Type 8763B...
The Type 8763B… triaxial accelerometer measures vibration in
three orthogonal axes. This 10.9 mm [0.43 in] cube accelerometer
has a ±50, 100, 250, 500, 1 000 and 2 000 g measuring range
with a low mass.
• Miniature, low mass cube
• Qty: 3, 5–40 threaded holes for mounting ease
• M4.5 and ¼–28, 4 pin connector options
• Hermetic, titanium construction
• Low base strain sensitivity
• Voltage output
• Ceramic shear sensing element
• TEDS option
• Water resistant IP68 (up to 10 bars) option available
• Conforming to ä
Description
Type 8763B… is an IEPE (Integrated Electronics Piezoelectric)
triaxial accelerometer permitting vibration measurements in
three mutually perpendicular axes: x, y and z.
Type 8763B… uses Kistler shear element technology, assuring
high immunity to base strain. The welded titanium construction
provides a lightweight hermetic housing. The miniature 4 pin
ceramic insulated connector provides long-term stability over the
operating temperature range. An integral silicone cable variant
is available for application of underwater vibration testing
at up to 10 bars [150 psi]. In addition to adhesive mounting,
Type 8763B… has three 5–40 threaded holes for flexible stud
mounting on a test object, fully utilizing each mounting side
of the cube design. Additionally, three threaded holes provide
reliable mounting for calibration of each orthogonal axis. See
PiezoStar triaxial Type 8766A… for high temperature 165°C
[+330°F] and other frequency response options.
Application
Type 8763B… provides wide frequency response in each axis,
ideal for dynamic vibration measurements. It is well-suited for
lightweight structures. Kistler Type 1784B…K03 is a M4.5,
4 pin to 3x BNC breakout cable. In addition, the Kistler M4.5,
4 pin sensor connector can be adapted for use with traditional
¼–28, 4 pin compatible cables, using the Kistler Type 1784AK02
extension cable. Other ¼–28, 4 pin breakout cables include:
Type 1756C...K03/K04 and flexible Type 1734A…K03 cables.
24.4
[0.96]
10.9
[0.43]
10.9
[0.43]
10.9
[0.43]
CUSTOMER SPECIFIED LENGTH (mm [in])
20 METERS MAXIMUM
3X 5-40 UNC-2B MTG. THD. ¼–28 MALE 4 PIN CONNECTOR
Z
Y
X
Y
Z
Z
Y
X
Y
Z
X
18.2
[0.72]
10.9
[0.43]
10.9
[0.43]
10.9
[0.43]
3.9
[0.15]
5-40 UNC-2B mounting thread typ. 3
M4.5, 4 pin connector
ground
Type 8763B…A
Z
Y
X
Y
X
Z
20.7
[0.82]
10.9
[0.43]
10.9
[0.43]
10.9
[0.43]
5.1
[0.20]
5-40 UNC-2B mounting thread typ. 3
4 pin connector
(¼–28 UNF-2A THD.)
ground
Type 8763B…B
Type 8763BxCBsp


Similar Part No. - 8763B100ATSP

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8763 BURKERT-8763 Datasheet
753Kb / 8P
2/2 way Flipper-Solenoid Valve with separating diaphragm
04.02.2021
8763 BURKERT-8763 Datasheet
534Kb / 9P
2/2-way Whisper Valve with media separation
20.03.2024
8763 BURKERT-8763 Datasheet
1Mb / 15P
2/2 or 3/2-way Whisper Valve with media separation
02.02.2024
8763 BURKERT-8763 Datasheet
1Mb / 13P
Pressure controller for precise time-pressure dosing
26.01.2021
logo
Rennsteig Werkzeuge Gmb...
8763 0000 61 RENNSTEIG-8763 0000 61 Datasheet
2Mb / 4P
Vierdornzange DigiCrimp
More results

Similar Description - 8763B100ATSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2016A ETC2-2016A Datasheet
258Kb / 2P
INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
2011A ETC2-2011A Datasheet
50Kb / 2P
INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
2012A ETC2-2012A Datasheet
52Kb / 2P
INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
Triaxial Analog Accelerometer
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
logo
STI Vibration Monitorin...
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
CMCP1300ST-T STI-CMCP1300ST-T Datasheet
580Kb / 2P
Low-Cost Triaxial Accelerometer with Temperature
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com