Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802A Datasheet(PDF) 21 Page - Intersil Corporation

Part # CDP1802A
Description  CMOS 8-Bit Microprocessors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802A Datasheet(HTML) 21 Page - Intersil Corporation

Back Button CDP1802A Datasheet HTML 17Page - Intersil Corporation CDP1802A Datasheet HTML 18Page - Intersil Corporation CDP1802A Datasheet HTML 19Page - Intersil Corporation CDP1802A Datasheet HTML 20Page - Intersil Corporation CDP1802A Datasheet HTML 21Page - Intersil Corporation CDP1802A Datasheet HTML 22Page - Intersil Corporation CDP1802A Datasheet HTML 23Page - Intersil Corporation CDP1802A Datasheet HTML 24Page - Intersil Corporation CDP1802A Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
3-23
loaded into D, and R(N) is incremented by 1.
FIGURE 25. STATE TRANSITION DIAGRAM
TABLE 1. INSTRUCTION SUMMARY (SEE NOTES)
INSTRUCTION
MNEMONIC
OP
CODE
OPERATION
MEMORY REFERENCE
LOAD VIA N
LDN
0N
M(R(N))
→ D; FOR N not 0
LOAD ADVANCE
LDA
4N
M(R(N))
→ D; R(N) + 1 → R(N)
LOAD VIA X
LDX
F0
M(R(X))
→ D
LOAD VIA X AND ADVANCE
LDXA
72
M(R(X))
→ D; R(X) + 1 → R(X)
LOAD IMMEDIATE
LDl
F8
M(R(P))
→ D; R(P) + 1 → R(P)
STORE VIA N
STR
5N
D
→ M(R(N))
STORE VIA X AND DECREMENT
STXD
73
D
→ M(R(X)); R(X) - 1 → R(X)
REGISTER OPERATIONS
INCREMENT REG N
INC
1N
R(N) + 1
→ R(N)
DECREMENT REG N
DEC
2N
R(N) - 1
→ R(N)
INCREMENT REG X
IRX
60
R(X) + 1
→ R(X)
GET LOW REG N
GLO
8N
R(N).0
→ D
PUT LOW REG N
PLO
AN
D
→ R(N).0
GET HIGH REG N
GHl
9N
R(N).1
→ D
PUT HIGH REG N
PHI
BN
D
→ R(N).1
LOGIC OPERATIONS (Note 1)
OR
OR
F1
M(R(X)) OR D
→ D
OR IMMEDIATE
ORl
F9
M(R(P)) OR D
→ D; R(P) + 1 → R(P)
S2 DMA
S1 RESET
S1 EXECUTE
S0 FETCH
S3 INT
S1 INIT
DMA
DMA
DMA
• INT
DMA
DMA
IDLE
• DMA • INT
FORCE S1
(LONG BRANCH,
DMA
• IDLE • INT
DMA
DMA
INT
• DMA
LONG SKIP, NOP, ETC.)
PRIORITY: FORCE S0, S1
DMA IN
DMA OUT
INT
INT
• DMA
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com