Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM072 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LM072
Description  Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM072 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LM072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Part No.
Product
See Last Page
LM072
LM072 Bluetooth® Module
Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
General Electrical Specification
Parameter
Carrier Frequency
RF Output Power
Rx Sensitivity
Load Impedance
Input Low Voltage
Input High Voltage
Output Low Voltage
Output High Voltage
Average Current Consumption
Description
-
Measured with 50 ant
-
No abnormal oscillation
RESET, UART, GPIO, PCM
RESET, UART, GPIO, PCM
UART, GPIO, PCM
UART, GPIO, PCM
Receive DM1
Min
2.402
15
-
-
-0.3
0.7VDD
-
VDD-0.4
-
Units
GHz
dBm
dBm
-
DCV
DCV
DCV
DCV
mA
Max
2.480
18
-86
5:1
0.8
VDD+0.3
0.4
-
-
Typical
-
16.5
-88
-
-
-
-
-
114
Block Diagram
CSR Chipset
SPI
UART
USB
PCM
PIO
Regulator
Balun
B.P.F
Rx_IN
Tx_A
Tx_B
8Mbit
Flash
26MHz
XTAL
Note: USB and PCM interface are not handled by LM firmware at present
The factory settings of the COM Port are as follows:
Baud Rate
19200 bps
Data Bits8
Parity
None
Stop Bits1
Flow Control
Hardware (BT2.0) or None (BT2.1)
Factory Settings
LM072
Page 4 of 11
+44(0) 207 428 2647 | sales@lm-technologies.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com