Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8763B050CT03SP Datasheet(PDF) 3 Page - KISTLER INSTRUMENT CORPORATION

Part # 8763B050CT03SP
Description  Miniature IEPE Triaxial Accelerometer, with TEDS Option
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

8763B050CT03SP Datasheet(HTML) 3 Page - KISTLER INSTRUMENT CORPORATION

  8763B050CT03SP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 8763B050CT03SP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 8763B050CT03SP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 8763B050CT03SP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3/4
Miniature IEPE Triaxial Accelerometer, with TEDS Option, Type 8763B…
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
© 2014 ... 2021 Kistler Instrument Corp.,
75 John Glenn Dr., Amherst, NY 14228
Tel. 716-691-5100, sales.us@kistler.com, www.kistler.com. Kistler is a registered
trademark of Kistler Holding AG. Kistler Group products are protected by various
intellectual property rights. For more details visit www.kistler.com
Ordering Key
Type 8763B...
Measuring Range
±50 g
050
±100 g
100
±250 g
250
±500 g
500
±1 000 g
1K0
±2 000 g
2K0
Connector
M4.5, 4 pin (pos.)
A
Standard, ¼–28, 4 pin (pos.)
[only in 50, 100, 250 & 500 g ranges]
B
Waterproof IP68
C
Variants/TEDS Templates
Base model (without TEDS)
B
Default, IEEE 1451.4 V0.9
Template 0 (UTID 1)*
T
IEEE 1451.4 V0.9 Template 24
(UTID 116225)*
T01
LMS Template 117,
Free format Point ID*
T02
LMS Template 118, Automotive
Format (Field 14 Geometry = 0)*
T03
LMS Template 118, Aerospace Format
(Field 14 Geometry =1)*
T04
P1451.4 V1.0 template 25 -
Transfer Function Disabled*
T05
P1451.4 V1.0 template 25 -
Transfer Function Enabled*
T06
Cable Length
To be specified upon order
(for integral cable waterproof
Type 8763BxCB only) – Max. = 20 m
SP
No integral cable
(A & B connector options)
—
Accessing TEDS Data
Accelerometers with a “T” suffix are variants of the standard
version incorporating the 'Smart Sensor' design. Viewing an
accelerometer’s data sheet requires a TEDS compatible data
acquisition system. Their Interface provides negative current
excitation (reverse polarity) altering the operating mode of the
PiezoSmart sensor, allowing the program editor software to read
or add information contained in the memory chip.
Mounting
Reliable and accurate measurements require that the mounting
surface be clean and flat. The sensor can be attached to the
structure with wax or adhesive or using the supplied adaptor
stud. The instruction manual for Type 8763B… provides detailed
information regarding mounting surface preparation.
Optional Accessories
Type
• 5-40 stud to 10-32 stud, ground
isolated mounting base
8400K06
• 5-40 stud to M6 stud,
ground isolated mounting base
8400K04
• 5-40 stud, ground isolated
adhesive mounting base
8440K01
• 5-40 to M6 stud
8418
• 5-40 stud to 5-40 Hex
8420
• Adhesive, ground isolated mount-
ing base, 5-40 threaded hole
8434
• Magnetic mounting base,
5-40 threaded hole
8450A
Optional Cables*
Type
• Fluoropolymer jacketed breakout
cable, ¼–28, 4 pin (neg.) to 3x BNC
(pos.); (xx = length: 3, 5, 10 meters)
1756CxxK04
• Fluoropolymer jacketed breakout cable,
M4.5 4 pin (neg.) to 3x BNC (pos.);
(xx = length: 1, 3, 5 & 10 meters)
1784BxxK03
• Fluoropolymer jacketed cable, M4.5,
4 pin (neg.) to ¼–28, 4 pin (pos.);
(length = 0.5 and sp meters)
1784AK02
• Flexible silicone jacketed breakout
cable, ¼–28, 4 pin (neg.) to 3x BNC
(pos.); (xx = length: 1, 3, 5, 10 meters)
1734AxxK03/K04
Accessories Included
Type
• Mounting stud, 5-40 to 10-32
8416
• Mounting wax (except for integral cable sensors) 8432
• Mounting stud, 5-40 to M6
8418
• ISO 17025 Calibration Certificate
*
Special lengths available; please contact Kistler
*
With A & B connectors type only as a standard. For any
combination of both TEDS and Waterproof capabilities,
please contact Kistler.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com