Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1032 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1032
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1032 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1032 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1032 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1032 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISF1032 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISF1032 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISF1032
eq STB9NK80Z
N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
800
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 800V; VGS= 0
--
--
1
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
--
--
±
10
uA
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.1mA
3.0
--
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 2.6A
--
--
1.8
Ω
Gfs
Forward Transconductance
VDS = 10V, ID = 2.6A
--
6.2
--
S
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V,
f = 1.0MHz
-
1080
-
pF
Coss
Output Capacitance
-
62
-
Crss
Reverse Transfer Capacitance
-
8
-
Qg
Total Gate Charge
VDD = 640V,
ID = 2.6A,
VGS = 10V
-
28
-
nC
Qgs
Gate-Source Charge
-
7
-
Qgd
Gate-Drain Charge
-
10
-
td(on)
Turn-on Delay Time
VDD = 400V,
ID = 2.6A,
RG = 25Ω,
VGS = 10V
-
42
-
ns
tr
Turn-on Rise Time
-
23
-
td(off)
Turn-off Delay Time
-
122
-
tf
Turn-off Fall Time
-
8
-
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
-
-
5.2
A
ISM
Pulsed Source Current
-
-
20.8
VSD
Diode Forward Voltage
ISD= 5.2A; VGS= 0V
-
-
1.6
V
trr
Reverse Recovery Time
VDD = 400V,IF = IS,
diF/dt = 100A /μs
-
285
-
ns
Qrr
Reverse Recovery Charge
-
3.0
-
uC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com