Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISG2010 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISG2010
Description  Trench gate Field-Stop IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2010 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISG2010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2010 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2010 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISG2010
eq STGB30H60DFB
Trench gate Field-Stop IGBT
www.iscsemi.com
2023-10-09
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
td(on)
Turn-on Delay Time
VGE = 15V,
IC= 30A,
VCE = 400V,
RG=10Ω
TJ=25℃
--
37
--
ns
tr
Turn-on Rise Time
--
14.6
--
ns
(di/dt)on
Turn-on current slope
--
1643
--
A/µs
td(off)
Turn-off Delay Time
--
146
--
ns
tf
Turn-off Fall Time
--
23
--
ns
Eon
Turn-on switching losses
--
383
--
mJ
Eoff
Turn-off switching losses
--
293
--
mJ
Ets
Total switching losses
--
676
--
mJ
td(on)
Turn-on Delay Time
VGE = 15V,
IC= 30A,
VCE = 400V,
RG=10Ω
TJ=175℃
--
35
--
ns
tr
Turn-on Rise Time
--
16.1
--
ns
(di/dt)on
Turn-on current slope
--
1496
--
A/µs
td(off)
Turn-off Delay Time
--
158
--
ns
tf
Turn-off Fall Time
--
65
--
ns
Eon
Turn-on switching losses
--
794
--
mJ
Eoff
Turn-off switching losses
--
572
--
mJ
Ets
Total switching losses
--
1366
--
mJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com