Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEC4025BDF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEC4025BDF
Description  Triple 3-input NOR gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEC4025BDF Datasheet(HTML) 3 Page - NXP Semiconductors

  HEC4025BDF Datasheet HTML 1Page - NXP Semiconductors HEC4025BDF Datasheet HTML 2Page - NXP Semiconductors HEC4025BDF Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
Triple 3-input NOR gate
HEF4025B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
In → On
5
70
135
ns
43 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
25
55
ns
14 ns
+ (0,23 ns/pF) CL
15
20
40
ns
12 ns
+ (0,16 ns/pF) CL
5
60
120
ns
33 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
25
50
ns
14 ns
+ (0,23 ns/pF) CL
15
15
35
ns
7 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
900 fi +∑ (foCL) × VDD 2
where
dissipation per
10
4000 fi +∑ (foCL) × VDD 2
fi = input freq. (MHz)
package (P)
15
10 900 fi +∑ (foCL) × VDD 2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (foCL) = sum of outputs
VDD = supply voltage (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com