Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL080IP Datasheet(PDF) 4 Page - Texas Instruments

Part # TL080IP
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL080IP Datasheet(HTML) 4 Page - Texas Instruments

  TL080IP Datasheet HTML 1Page - Texas Instruments TL080IP Datasheet HTML 2Page - Texas Instruments TL080IP Datasheet HTML 3Page - Texas Instruments TL080IP Datasheet HTML 4Page - Texas Instruments TL080IP Datasheet HTML 5Page - Texas Instruments TL080IP Datasheet HTML 6Page - Texas Instruments TL080IP Datasheet HTML 7Page - Texas Instruments TL080IP Datasheet HTML 8Page - Texas Instruments TL080IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TL080
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS368 – JUNE 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
CL = 100 pF, See Figure 1
8
13
V/
µs
t
Rise time overshoot factor
VI =20mV
RL =2kΩ
CL = 100 pF
See Figure 1
0.05
µs
tr
Rise-time overshoot factor
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF, See Figure 1
20%
V
Equivalent input noise voltage
RS = 100 Ω
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 100 Ω
f = 10 Hz to 10 kHz
4
µV
In
Equivalent input noise current
RS = 100 Ω,
f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VO(rms) = 10 V,
RS ≤ 1 kΩ,
RL ≥ 2 kΩ,
f = 1 kHz
0.003%
APPLICATION INFORMATION
CL =
100 pF
Figure 1. Unity-Gain Amplifier
VI
RL = 2 kΩ
CC = 18 pF
OUT
_
+
Figure 2. Gain-of-10 Inverting Amplifier
VI
10 k
1 k
RL
CL = 100 pF
OUT
Figure 3. Feed-Forward Compensation
C2
100 k
N1
C1 = 500 pF
OUT
IN–
Figure 4. Input Offset Voltage Null Circuit
N1
2 M
N2
COMP
1 M
VCC+
IN–
IN+
OUT
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com