Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC080 Datasheet HTML 30Page - Texas Instruments TLC080 Datasheet HTML 31Page - Texas Instruments TLC080 Datasheet HTML 32Page - Texas Instruments TLC080 Datasheet HTML 33Page - Texas Instruments TLC080 Datasheet HTML 34Page - Texas Instruments TLC080 Datasheet HTML 35Page - Texas Instruments TLC080 Datasheet HTML 36Page - Texas Instruments TLC080 Datasheet HTML 37Page - Texas Instruments TLC080 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I – SEPTEMBER 1991 – REVISED AUGUST 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 10
4.55
4.54
4.52
4.51
4.5
4.59
4.53
–100
– 50
0
50
4.57
4.56
4.58
INPUT THRESHOLD VOLTAGE
(NEGATIVE-GOING VCC)
vs
FREE-AIR TEMPERATURE
4.6
100
150
RL = 0
TA – Free-Air Temperature – °C
900
850
800
750
–100
– 50
0
100
950
POWER-UP RESET VOLTAGE
vs
FREE-AIR TEMPERATURE
1000
150
50
700
650
600
TA – Free-Air Temperature – °C
RL = 2.2 kΩ
Figure 11
.5
0
– 0.5
–1
0
0.5
1
1
1.5
POWER-UP RESET VOLTAGE
AND SUPPLY VOLTAGE
vs
TIME
2
1.5
2
2.5
3
VCC
t – Time –
µs
TA = 25°C
RL = 2.2 kΩ
RESET
Figure 12
2
1
0
–1
3
4
PROPAGATION DELAY TIME
5
6
02
4
6
8
10
12
14
16
TA = 25°C
RL = 2.2 kΩ
VCC
RESET
t – Time –
µs
18
Figure 13
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com