Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL598CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL598CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL598CD Datasheet(HTML) 3 Page - Texas Instruments

  TL598CD Datasheet HTML 1Page - Texas Instruments TL598CD Datasheet HTML 2Page - Texas Instruments TL598CD Datasheet HTML 3Page - Texas Instruments TL598CD Datasheet HTML 4Page - Texas Instruments TL598CD Datasheet HTML 5Page - Texas Instruments TL598CD Datasheet HTML 6Page - Texas Instruments TL598CD Datasheet HTML 7Page - Texas Instruments TL598CD Datasheet HTML 8Page - Texas Instruments TL598CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL598
PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS053D − FEBRUARY 1988 − REVISED NOVEMBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
7
40
V
VI
Amplifier input voltage
0
VCC−2
V
IO
Collector voltage
40
V
IIL
Output current (each output), sink or source
200
mA
Current into feedback terminal
0.3
mA
CT
Timing capacitor
0.00047
10
µF
RT
Timing resistor
1.8
500
k
Ω
fosc
Oscillator frequency
1
300
kHz
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V
(unless otherwise noted)
reference section (see Note 4)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
Output voltage (REF)
IO = 1 mA
TA = 25°C
4.95
5
5.05
V
Output voltage (REF)
IO = 1 mA
TA = full range
4.9
5.1
V
Input regulation
VCC = 7 V to 40 V
TA = 25°C
2
25
mV
Output regulation
IO = 1 mA to 10 mA
TA = 25°C
1
15
mV
Output regulation
IO = 1 mA to 10 mA
TA = full range
50
mV
Output voltage change with temperature
∆TA = MIN to MAX
2
10
mV/V
Short-circuit output current§
REF = 0 V
−10
−48
mA
† Full range is 0°C to 70°C.
‡ All typical values, except for parameter changes with temperature, are at TA = 25°C.
§ Duration of the short circuit should not exceed one second.
NOTE 4: Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
oscillator section, CT = 0.001 µF, RT = 12 kΩ (see Figure 1) (see Note 4)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
Frequency
100
kHz
Standard deviation of frequency¶
All values of VCC, CT, RT, TA constant
100
Hz/kHz
Frequency change with voltage
VCC = 7 V to 40 V,
TA = 25°C
1
10
Hz/kHz
Frequency change with temperature#
∆TA = full range
70
120
Hz/kHz
Frequency change with temperature#
∆TA = full range,
CT = 0.01 µF
50
80
Hz/kHz
† Full range is 0°C to 70°C.
‡ All typical values, except for parameter changes with temperature, are at TA = 25°C.
¶ Standard deviation is a measure of the statistical distribution about the mean, as derived from the formula:
# Effects of temperature on external RT and CT are not taken into account.
NOTE 4. Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
s +
N
n
+1
(xn * X)
2
N
* 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com