Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080ID Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080ID
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080ID Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC080ID Datasheet HTML 23Page - Texas Instruments TLC080ID Datasheet HTML 24Page - Texas Instruments TLC080ID Datasheet HTML 25Page - Texas Instruments TLC080ID Datasheet HTML 26Page - Texas Instruments TLC080ID Datasheet HTML 27Page - Texas Instruments TLC080ID Datasheet HTML 28Page - Texas Instruments TLC080ID Datasheet HTML 29Page - Texas Instruments TLC080ID Datasheet HTML 30Page - Texas Instruments TLC080ID Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I – SEPTEMBER 1991 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Power-On Reset Generator
D Automatic Reset Generation After Voltage
Drop
D Low Standby Current ...20 µA
D RESET Output Defined When VCC
Exceeds 1 V
D Precision Threshold Voltage
4.55 V
±120 mV
D High Output Sink Capability . . . 20 mA
D Comparator Hysteresis Prevents Erratic
Resets
description/ordering information
The TL7757 is a supply-voltage supervisor
designed
for
use
in
microcomputer
and
microprocessor
systems.
The
supervisor
monitors the supply voltage for undervoltage
conditions. During power up, when the supply
voltage, VCC, attains a value approaching 1 V, the
RESET output becomes active (low) to prevent
undefined operation. If the supply voltage drops
below threshold voltage level (VIT–), the RESET
output goes to the active (low) level until the
supply undervoltage fault condition is eliminated.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
0 C to 70 C
SOIC (D)
Tube of 75
TL7757CD
7757C
0 C to 70 C
SOIC (D)
Reel of 2500
TL7757CDR
7757C
0
°C to 70°C
SOT (PK)
Reel of 1000
TL7757CPK
T7
TO226 / TO-92 (LP)
Bulk of 1000
TL7757CLP
TL7757C
TO226 / TO-92 (LP)
Reel of 2000
TL7757CLPR
TL7757C
–40 C to 85 C
SOIC (D)
Tube of 75
TL7757ID
7757I
–40 C to 85 C
SOIC (D)
Reel of 2500
TL7757IDR
7757I
–40
°C to 85°C
SOT (PK)
Reel of 1000
TL7757IPK
7I
TO226 / TO-92 (LP)
Bulk of 1000
TL7757ILP
TL7757I
TO226 / TO-92 (LP)
Reel of 2000
TL7757ILPR
TL7757I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
NC–No internal connection
1
2
3
4
8
7
6
5
RESET
VCC
NC
GND
NC
NC
NC
NC
GND
VCC
RESET
LP PACKAGE
(TOP VIEW)
PK PACKAGE
(TOP VIEW)
GND is in electrical contact with the tab.
V
GND
CC
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com