Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7702AI Datasheet(PDF) 6 Page - Texas Instruments

Part # 7702AI
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

7702AI Datasheet(HTML) 6 Page - Texas Instruments

Back Button 7702AI Datasheet HTML 2Page - Texas Instruments 7702AI Datasheet HTML 3Page - Texas Instruments 7702AI Datasheet HTML 4Page - Texas Instruments 7702AI Datasheet HTML 5Page - Texas Instruments 7702AI Datasheet HTML 6Page - Texas Instruments 7702AI Datasheet HTML 7Page - Texas Instruments 7702AI Datasheet HTML 8Page - Texas Instruments 7702AI Datasheet HTML 9Page - Texas Instruments 7702AI Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028H – APRIL 1983 – REVISED MAY 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 2
30
26
22
18
02
4
6
34
38
ASSERTION TIME
vs
LOAD RESISTANCE
42
810
RL – Load Resistance – kΩ
RESET tr
RESET tf
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
Figure 3
4
3
2
1
02
4
6
5
6
DEASSERTION TIME
vs
LOAD RESISTANCE
7
810
0
RL – Load Resistance – kΩ
RESET tf
RESET tr
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
Figure 4
32
28
24
20
0
25
50
75
100
125
36
40
ASSERTION TIME
vs
LOAD CAPACITANCE
44
150
175
200
RESET tr
RESET tf
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
CL – Load Capacitance – pF
Figure 5
2.4
2
1.6
1.2
2.8
3.2
DEASSERTION TIME
vs
LOAD CAPACITANCE
3.6
RESET tf
RESET tr
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
0
25
50
75
100
125
150
175
200
CL – Load Capacitance – pF
0.8
† For proper operation, both RESET and RESET should be terminated with resistors of similar value. Failure to do so may cause unwanted
plateauing in either output waveform during switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com