Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM201AH Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM201AH
Description  Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM201AH Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM201AH Datasheet HTML 1Page - National Semiconductor (TI) LM201AH Datasheet HTML 2Page - National Semiconductor (TI) LM201AH Datasheet HTML 3Page - National Semiconductor (TI) LM201AH Datasheet HTML 4Page - National Semiconductor (TI) LM201AH Datasheet HTML 5Page - National Semiconductor (TI) LM201AH Datasheet HTML 6Page - National Semiconductor (TI) LM201AH Datasheet HTML 7Page - National Semiconductor (TI) LM201AH Datasheet HTML 8Page - National Semiconductor (TI) LM201AH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics (Note 5) (Continued)
T
A=TJ
Parameter
Conditions
LM101A/LM201A
LM301A
Units
Min
Typ
Max Min
Typ
Max
Supply Current
T
A =TMAX,VS = ±20V
1.2
2.5
mA
Large Signal Voltage Gain
V
S = ±15V, VOUT = ±10V
25
15
V/mV
R
L
≥ 2k
Output Voltage Swing
V
S = ±15V
R
L =10k
Ω
±12
±14
±12
±14
V
R
L =2k
Ω
±10
±13
±10
±13
V
Input Voltage Range
V
S = ±20V
±15
V
V
S = ±15V
+15, −13
±12 +15, −13
V
Common-Mode Rejection Ratio
R
S
≤ 50 kΩ
80
96
70
90
dB
Supply Voltage Rejection Ratio
R
S
≤ 50 kΩ
80
96
70
96
dB
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.Operating ratings indicate for which the device is functional, but
do no guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee
specific limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the
typical value is a good indication of device performance.
Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 4: Continuous short circuit is allowed for case temperatures to 125˚C and ambient temperatures to 75˚C for LM101A/LM201A, and 70˚C and 55˚C respectively
for LM301A.
Note 5: Unless otherwise specified, these specifications apply for C1 = 30 pF, ±5V
≤ VS ≤ ±20V and −55˚C ≤ TA ≤ +125˚C (LM101A), ±5V ≤ VS ≤ ±20V and −25˚C
≤ TA ≤ +85˚C (LM201A), ±5V ≤ VS ≤ ±15V and 0˚C ≤ TA ≤ +70˚C (LM301A).
Note 6: Refer to RETS101AX for LM101A military specifications and RETS101X for LM101 military specifications.
Note 7: Human body model, 100 pF discharged through 1.5 k
Ω.
Typical Performance Characteristics
LM101A/LM201A
Input Voltage Range
Output Swing
00775241
00775242
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com