Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM567
Description  Tone Decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM567 Datasheet HTML 1Page - National Semiconductor (TI) LM567 Datasheet HTML 2Page - National Semiconductor (TI) LM567 Datasheet HTML 3Page - National Semiconductor (TI) LM567 Datasheet HTML 4Page - National Semiconductor (TI) LM567 Datasheet HTML 5Page - National Semiconductor (TI) LM567 Datasheet HTML 6Page - National Semiconductor (TI) LM567 Datasheet HTML 7Page - National Semiconductor (TI) LM567 Datasheet HTML 8Page - National Semiconductor (TI) LM567 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage Pin
9V
Power Dissipation (Note 2)
1100 mW
V
8
15V
V
3
−10V
V
3
V
4 + 0.5V
Storage Temperature Range
−65˚C to +150˚C
Operating Temperature Range
LM567H
−55˚C to +125˚C
LM567CH, LM567CM, LM567CN
0˚C to +70˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics
AC Test Circuit, T
A = 25˚C, V
+ =5V
Parameters
Conditions
LM567
LM567C/LM567CM
Units
Min
Typ
Max
Min
Typ
Max
Power Supply Voltage Range
4.75
5.0
9.0
4.75
5.0
9.0
V
Power Supply Current Quiescent
R
L = 20k
6
8
7
10
mA
Power Supply Current Activated
R
L = 20k
11
13
12
15
mA
Input Resistance
18
20
15
20
k
Ω
Smallest Detectable Input Voltage
I
L = 100 mA, fi =fo
20
25
20
25
mVrms
Largest No Output Input Voltage
I
C = 100 mA, fi =fo
10
15
10
15
mVrms
Largest Simultaneous Outband Signal to
Inband Signal Ratio
66
dB
Minimum Input Signal to Wideband
Noise Ratio
B
n = 140 kHz
−6
−6
dB
Largest Detection Bandwidth
12
14
16
10
14
18
% of f
o
Largest Detection Bandwidth Skew
1
2
2
3
% of f
o
Largest Detection Bandwidth Variation
with Temperature
±0.1
±0.1
%/˚C
Largest Detection Bandwidth Variation
with Supply Voltage
4.75–6.75V
±1
±2
±1
±5%V
Highest Center Frequency
100
500
100
500
kHz
Center Frequency Stability (4.75–5.75V)
0 < T
A < 70
−55 < T
A < +125
35 ± 60
35 ± 140
35 ± 60
35 ± 140
ppm/˚C
ppm/˚C
Center Frequency Shift with Supply
Voltage
4.75V–6.75V
4.75V–9V
0.5
1.0
2.0
0.4
2.0
2.0
%/V
%/V
Fastest ON-OFF Cycling Rate
f
o/20
f
o/20
Output Leakage Current
V
8 = 15V
0.01
25
0.01
25
µA
Output Saturation Voltage
e
i = 25 mV, I8 =30mA
e
i = 25 mV, I8 = 100 mA
0.2
0.6
0.4
1.0
0.2
0.6
0.4
1.0
V
Output Fall Time
30
30
ns
Output Rise Time
150
150
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: The maximum junction temperature of the LM567 and LM567C is 150˚C. For operating at elevated temperatures, devices in the TO-5 package must be
derated based on a thermal resistance of 150˚C/W, junction to ambient or 45˚C/W, junction to case. For the DIP the device must be derated based on a thermal
resistance of 110˚C/W, junction to ambient. For the Small Outline package, the device must be derated based on a thermal resistance of 160˚C/W, junction to
ambient.
Note 3: Refer to RETS567X drawing for specifications of military LM567H version.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com