Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660AI Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660AI
Description  CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660AI Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC660AI Datasheet HTML 6Page - National Semiconductor (TI) LMC660AI Datasheet HTML 7Page - National Semiconductor (TI) LMC660AI Datasheet HTML 8Page - National Semiconductor (TI) LMC660AI Datasheet HTML 9Page - National Semiconductor (TI) LMC660AI Datasheet HTML 10Page - National Semiconductor (TI) LMC660AI Datasheet HTML 11Page - National Semiconductor (TI) LMC660AI Datasheet HTML 12Page - National Semiconductor (TI) LMC660AI Datasheet HTML 13Page - National Semiconductor (TI) LMC660AI Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Typical Single-Supply Applications
(V
+ = 5.0 VDC)
Additional single-supply applications ideas can be found in
the LM324 datasheet. The LMC660 is pin-for-pin compatible
with the LM324 and offers greater bandwidth and input
resistance over the LM324. These features will improve the
performance of many existing single-supply applications.
Note, however, that the supply voltage range of the LMC660
is smaller than that of the LM324.
Low-Leakage Sample-and-Hold
00876707
Instrumentation Amplifier
00876708
If R1 = R5, R3 = R6, and R4 = R7; then
∴ A
V
≈100 for circuit shown.
For good CMRR over temperature, low drift resistors should
be used. Matching of R3 to R6 and R4 to R7 affect CMRR.
Gain may be adjusted through R2. CMRR may be adjusted
through R7.
Sine-Wave Oscillator
00876709
Oscillator frequency is determined by R1, R2, C1, and C2:
fosc = 1/2
πRC, where R = R1 = R2 and
C=C1=C2.
This circuit, as shown, oscillates at 2.0 kHz with a peak-to-
peak output swing of 4.5V.
1 Hz Square-Wave Oscillator
00876710
Power Amplifier
00876711
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com