Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP601 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP601
Description  2.7V to 5.5V Single-Supply CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601 Datasheet(HTML) 2 Page - Microchip Technology

  MCP601 Datasheet HTML 1Page - Microchip Technology MCP601 Datasheet HTML 2Page - Microchip Technology MCP601 Datasheet HTML 3Page - Microchip Technology MCP601 Datasheet HTML 4Page - Microchip Technology MCP601 Datasheet HTML 5Page - Microchip Technology MCP601 Datasheet HTML 6Page - Microchip Technology MCP601 Datasheet HTML 7Page - Microchip Technology MCP601 Datasheet HTML 8Page - Microchip Technology MCP601 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MCP601/2/3/4
DS21314F-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD - VSS .........................................................................7.0V
All inputs and outputs...................... VSS - 0.3V to VDD + 0.3V
Difference Input voltage ........................................ |VDD - VSS|
Output Short Circuit Current...................................continuous
Current at Input Pin .......................................................±2 mA
Current at Output and Supply Pins .............................±30 mA
Storage temperature .....................................-65°C to +150°C
Junction temperature .................................................. +150°C
ESD protection on all pins (HBM; MM)
................ ≥ 3 kV; 200V
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
PIN FUNCTION TABLE
Name
Function
VIN+, VINA+, VINB+, VINC+, VIND+ Non-inverting Inputs
VIN–, VINA–, VINB–, VINC–, VIND– Inverting Inputs
VDD
Positive Power Supply
VSS
Negative Power Supply
VOUT, VOUTA, VOUTB, VOUTC,
VOUTD
Outputs
CS
Chip Select
NC
No Internal Connection
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, TA = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2 and RL = 100 kΩ to VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-2
±0.7
+2
mV
Industrial Temperature
VOS
-3
±1
+3
mV
TA = -40°C to +85°C (Note 1)
Extended Temperature
VOS
-4.5
±1
+4.5
mV
TA = -40°C to +125°C (Note 1)
Input Offset Temperature Drift
∆VOS/∆TA
—±2.5
µV/°C TA = -40°C to +125°C
Power Supply Rejection
PSRR
80
88
dB
VDD = 2.7V to 5.5V
Input Current and Impedance
Input Bias Current
IB
—1
pA
Industrial Temperature
IB
—20
60
pA
TA = +85°C (Note 1)
Extended Temperature
IB
450
5000
pA
TA = +125°C (Note 1)
Input Offset Current
IOS
—±1
pA
Common Mode Input Impedance
ZCM
1013||6
Ω||pF
Differential Input Impedance
ZDIFF
1013||3
Ω||pF
Common Mode
Common Mode Input Range
VCMR
VSS – 0.3
VDD – 1.2
V
Common Mode Rejection Ratio
CMRR
75
90
dB
VDD = 5.0V, VCM = -0.3V to 3.8V
Open-loop Gain
DC Open-loop Gain (large signal)
AOL
100
115
dB
RL = 25 kΩ to VDD/2,
VOUT = 100 mV to VDD – 100 mV
AOL
95
110
dB
RL = 5 kΩ to VDD/2,
VOUT = 100 mV to VDD – 100 mV
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 15
VDD – 20
mV
RL = 25 kΩ to VDD/2, Output overdrive = 0.5V
VOL, VOH VSS + 45
VDD – 60
mV
RL = 5 kΩ to VDD/2, Output overdrive = 0.5V
Linear Output Voltage Swing
VOUT
VSS + 100
VDD – 100
mV
RL = 25 kΩ to VDD/2, AOL ≥ 100 dB
VOUT
VSS + 100
VDD – 100
mV
RL = 5 kΩ to VDD/2, AOL ≥ 95 dB
Output Short Circuit Current
ISC
—±22
—mA
VDD = 5.5V
ISC
—±12
—mA
VDD = 2.7V
Power Supply
Supply Voltage
VDD
2.7
5.5
V
Quiescent Current per Amplifier
IQ
230
325
µA
IO = 0
Note 1:
These specifications are not tested in either the SOT-23 or TSSOP packages with date codes older than YYWW = 0408.
In these cases, the minimum and maximum values are by design and characterization only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com