Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EST7502B Datasheet(PDF) 2 Page - Shenzhen Dongfangteng Technology Co., Ltd.

Part # EST7502B
Description  PC Power Supply PWM with Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EST [Shenzhen Dongfangteng Technology Co., Ltd.]
Direct Link  http://www.esthome.com
Logo EST - Shenzhen Dongfangteng Technology Co., Ltd.

EST7502B Datasheet(HTML) 2 Page - Shenzhen Dongfangteng Technology Co., Ltd.

  EST7502B Datasheet HTML 1Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 2Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 3Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 4Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 5Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 6Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 7Page - Shenzhen Dongfangteng Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EST7502B
PC Power Supply PWM with Supervisor
www.esthome.com
2
2007-10-15 V2
PIN DESCRIPTION
Pin No.
Pin Name
TYPE
FUNCTION
1
V33
I
OVP/UVP input FOR 3.3V.
2
V5
I
OVP/UVP input for 5V.
3
V12
I
OVP/UVP input for 12V.
4
PT
I
Extra OVP protection input.
5
GND
P
Ground.
6
RT
O
Oscillation frequency set by external resistor.
7
C1
O
PWM open drain output 1.
8
C2
O
PWM open drain output 2.
9
REM
I
Remote on/off input.
REM=”low” that means the main SMPS is turned-on.
REM=”high”, the main SMPS is turned-off.
10
SS
O
Soft start function set by external capacitor.
11
PG
O
Power good signal.
PG= ”high” means “power good”.
PG= ”low” means “power fail”.
12
DET
I
Extra protection input.
13
VCC
P
Supply voltage.
14
OPOUT
O
OP compensation output.
15
OPNEGIN
I
OP compensation negative input.
16
VADJ
I
OP compensation positive input , feedback voltage sense input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com