Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51802-QFAA-R7 Datasheet(PDF) 57 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 57 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
Page 57
nRF51802 Product Specification v1.2
8.13
Timer (TIMER) specifications
Table 50 Timer specifications
8.14
Real Time Counter (RTC)
Table 51 RTC
8.15
Temperature sensor (TEMP)
Note: HFCLK XOSC is required to get the stated accuracy.
Table 52 Temperature sensor
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
ITIMER0/1/2
Timer current when running from
HFCLK in 16 MHz mode.
30
μA
1
ITIMER0/1/2,1M
Timer current when running from
HFCLK in 1 MHz mode.
4
μA
1
tTIMER,START
Time from START task is given
until timer starts counting.
0.25
μs
1
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
IRTC
Timer (LFCLK source).
0.1
μA
1
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ITEMP
Run current for Temperature sensor.
185
μA
1
tTEMP
Time required for temperature
measurement.
35
μs
1
TRANGE
Temperature sensor range.
-40
85
°C
N/A
TACC
Temperature sensor accuracy.1
1. Stated temperature accuracy is valid in the range 0 to 60
°C.
Temperature accuracy outside the 0 to 60°C range is ± 8°C.
-4
+4
°C
N/A
TRES
Temperature sensor resolution.
0.25
°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com