Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51802-QFAA-R Datasheet(PDF) 78 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R Datasheet(HTML) 78 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R Datasheet HTML 74Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 75Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 76Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 77Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 78Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 79Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 80Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 81Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 82Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
Page 78
nRF51802 Product Specification v1.2
11.3.3.1
Bill of Materials
Table 81 QFAA QFN48 with DC/DC converter setup
Designator
Value
Description
Footprint
C1, C2, C13, C14
12 pF
Capacitor, NP0, ±2%
0402
C3
2.2 nF
Capacitor, X7R, ±10%
0402
C4
0.8 pF
Capacitor, NP0, ±5%
0402
C5
2.2 pF
Capacitor, NP0, ±0.1 pF
0402
C6
1.5 pF
Capacitor, NP0, ±0.1 pF
0402
C7
4.7 μF
Capacitor, X5R, ±10%
0603
C8, C11
100 nF
Capacitor, X7R, ±10%
0402
C9
1.0 nF
Capacitor, X7R, ±10%
0402
C10
47 nF
Capacitor, X7R, ±10%
0402
C12
1.0 μF
Capacitor, X7R, ±10%
0603
L1
5.6 nH
High frequency chip inductor ±5%
0402
L2
10 nH
High frequency chip inductor ±5%
0402
L3
3.3 nH
High frequency chip inductor ±5%
0402
L4
10 μH
Chip inductor, IDC,min = 50 mA, ±20%
0603
L5
15 nH
High frequency chip inductor ±10%
0402
U1
nRF51802-QFAA
RF SoC
QFN-48
X1
16 MHz
Crystal SMD 2520, 16 MHz, 8 pF, ±40 ppm
SMD 2520
X2
32.768 kHz
Crystal SMD 3215, 32.768 kHz, 9 pF, ±20 ppm
SMD 3215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com