Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7904JGP7 Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD7904JGP7
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7904JGP7 Datasheet(HTML) 3 Page - Leadtrend Technology

  LD7904JGP7 Datasheet HTML 1Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 2Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 3Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 4Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 5Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 6Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 7Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 8Page - Leadtrend Technology LD7904JGP7 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LD7904JGP7
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7904JGP7-DS-00b
March 2012
Recommended Operating Conditions
230VAC ± 15%
90~264VAC*
Product
Drain
Current
Rds(on)
Adapter
Open Frame
Adapter
Open Frame
LD7904JGP7
4A
2.8
25W
30W
18W
25W
* Typ Vcc=12V
&
Drain Current =2A
at Ta =25
C
**Calculated maximum Input Power Rating
at Ta =25
C
Item
Min.
Max.
Unit
Supply Voltage Vcc
11
25
V
Vcc Capacitor
10
47
F
COMP Capacitor Value
2.2
100
nF
Note:
1.
COMP pin connecting a capacitor is essential to filter out the undesired switching noise
for stable operation.
2.
The small signal components as closed to IC pin as possible.
Tj
25 C125 C
1.2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com