Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN1160 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN1160
Description  DIRECTION INDICATOR DRIVER FOR MOTORBIKE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN1160 Datasheet(HTML) 2 Page - STMicroelectronics

  VN1160 Datasheet HTML 1Page - STMicroelectronics VN1160 Datasheet HTML 2Page - STMicroelectronics VN1160 Datasheet HTML 3Page - STMicroelectronics VN1160 Datasheet HTML 4Page - STMicroelectronics VN1160 Datasheet HTML 5Page - STMicroelectronics VN1160 Datasheet HTML 6Page - STMicroelectronics VN1160 Datasheet HTML 7Page - STMicroelectronics VN1160 Datasheet HTML 8Page - STMicroelectronics VN1160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
VN1160/ VN1160-1/ VN1160T
ABSOLUTE MAXIMUM RATING
THERMAL DATA
CONNECTION DIAGRAM (TOP VIEW)
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
TO-220
IPAK
DPAK
VCC
DC Supply Voltage
40
V
Vdd
CEXT Capacitor Voltage
6.5
V
ID
Maximum DC drain Current
Internally Limited
A
- ID
Reverse DC Output Current
- 5
A
Vesd
Electrostatic Discharge (R=1.5K
Ω; C=100 pF)
2000
V
Ptot
Power Dissipation TC = 25 °C
55
45
45
W
Tj
Junction Operating Temperature
Internally Limited
°C
Tstg
Storage Temperature
- 55 to 150
°C
Symbol
Parameter
Value
Unit
TO-220
IPAK
DPAK
Rthj-case
Thermal Resistance Junction-case
Max
2.2
3.33
3.33
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
60
100
100
°C/W
1
OUT
VCC
CEXT
VCC +
VCC
Buzzer
Vds
VOUT
VCEXT
Vdd
ICEXT
ICC
IOUT
220mF, 10V
2 x 10W + 2W
2 x 10W + 2W
OUT
VCC
CEXT
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com