Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01C Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R01C
Description  Small Form 8-Bit OTP MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01C Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R01C Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R01C Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Rev. 0.00
13
August 31, 2009
HT46R01C/HT46R02C/HT48R01C/HT48R02C
包装带和卷轴规格
包装带和卷轴规格
包装带和卷轴规格
包装带和卷轴规格
卷轴尺寸
卷轴尺寸
卷轴尺寸
卷轴尺寸
SOP 8N
符号
符号
符号
符号
说明
说明
说明
说明
尺寸
尺寸
尺寸
尺寸(mm)
(mm)
(mm)
(mm)
A
卷轴外圈直径
330.0±1.0
B
卷轴内圈直径
100.0±1.5
C
轴心直径
13.0
+0.5/-0.2
D
缝宽
2.0±0.5
T1
轮缘宽
12.8
2
.
0
/
3
.
0
−
+
T2
卷轴宽
18.2±0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com