Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F03C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT66F03C
Description  8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT66F03C Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
Pin Assignment
Note:
1. Bracketed pin names indicate non-default pinout remapping locations.
2. If the pin-shared pin functions have multiple outputs simultaneously, its pin names at the right side of the
²/² sign can be used for higher priority.
3. VDD&AVDD means the VDD and AVDD are the double bonding.
HT66F03C/HT66F04C/HT68F03C/HT68F04C
Rev. 0.00
3
February 26, 2010
Preliminary
H T 6 6 F 0 3 C
8 D I P / S O P - B
H T 6 8 F 0 3 C / H T 6 8 F 0 4 C
8 D I P / S O P - A
P A 2 / C X / [ T P 0 ]
P A 1 / C -
P A 0 / C +
V S S
P A 5 / [ T P 0 ] / O S C 2
P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S
V D D
H T 6 6 F 0 4 C
8 D I P / S O P - A
P A 2 / C X / [ T C K 2 ] / [ T P 0 ] / [ T P 2 B ] / A N 2
P A 1 / [ T P 2 A ] / C - / A N 1 / V R E F
P A 0 / [ T P 2 B ] / C + / A N 0
V S S & A V S S
P A 5 / [ T C K 2 ] / [ T P 0 ] / T P 2 B / O S C 2
P A 6 / [ T C K 0 ] / [ T P 1 ] / T P 2 A / O S C 1
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / [ T P 2 A ] / R E S
V D D & A V D D
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
H T 6 6 F 0 3 C
8 D I P / S O P - A
P A 2 / C X / [ T P 0 ] / A N 2
P A 1 / C - / A N 1 / V R E F
P A 0 / C + / A N 0
V S S & A V S S
P A 5 / [ T P 0 ] / O S C 2
P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S
V D D & A V D D
1
2
3
4
8
7
6
5
V D D & A V D D
P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1
P A 5 / [ T P 0 ] / O S C 2
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S
V S S & A V S S
P A 0 / C + / A N 0
P A 1 / C - / A N 1 / V R E F
P A 2 / C X / [ T P 0 ] / A N 2
H T 6 8 F 0 3 C / H T 6 8 F 0 4 C
8 D I P / S O P - B
V S S
P A 0 / C +
P A 1 / C -
P A 2 / C X / [ T P 0 ]
1
2
3
4
8
7
6
5
V D D
P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1
P A 5 / [ T P 0 ] / O S C 2
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S
H T 6 6 F 0 4 C
8 D I P / S O P - B
V S S & A V S S
P A 0 / [ T P 2 B ] / C + / A N 0
P A 1 / [ T P 2 A ] / C - / A N 1 / V R E F
P A 2 / C X / [ T C K 2 ] / [ T P 0 ] / [ T P 2 B ] / A N 2
V D D & A V D D
P A 6 / [ T C K 0 ] / [ T P 1 ] / T P 2 A / O S C 1
P A 5 / [ T C K 2 ] / [ T P 0 ] / T P 2 B / O S C 2
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / [ T P 2 A ] / R E S
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com