Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R02C Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT48R02C
Description  Small Form 8-Bit OTP MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02C Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT48R02C Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev. 0.00
2
August 31, 2009
HT46R01C/HT46R02C/HT48R01C/HT48R02C
选型表
选型表
选型表
选型表
Interrupt
型号
型号
型号
型号
ROM
RAM
I/O
8-bit
Timer
Time
Base
Ext.
Int.
A/D
PWM
Stack
封装
封装
封装
封装
HT48R01C
1K×15
96×8
6
2
1
1
3
—
—
6
8DIP/SOP
HT48R02C
2K×15
96×8
6
2
1
1
3
—
—
6
8DIP/SOP
HT46R01C
1K×15
96×8
6
2
1
1
4
12-bit×3 8-bit×1
6
8DIP/SOP
8MSOP
HT46R02C
2K×15
96×8
6
2
1
1
4
12-bit×3 8-bit×1
6
8DIP/SOP
注:表格中的内部时钟为内部集成的 RC 振荡器,无需外部元器件,可用来作为系统时钟。
方框图
方框图
方框图
方框图
以下为主要功能模块的方框图
引脚图
引脚图
引脚图
引脚图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com