Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4906 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT4906
Description  Li-ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4906 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT4906 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT4906 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HT4906
2
脚位图及说明
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LED
EXT_CH
L1
L2
L3
L4
KEY
CE
GND
STB
FB
TS
EXT
LX
BTP
VDD
序号
名称
描述
1
LED
手电
2
EXT_CH
充电外扩
3
L1
指示灯 1
4
L2
指示灯 2
5
L3
指示灯 3
6
L4
指示灯 4
7
KEY
按键
8
CE
插入手机自动识别引脚
9
GND
地
10
STB
待机引脚
11
FB
升压电压反馈
12
TS
测试脚
13
EXT
BOOST 外置功率管驱动
14
LX
BOOST 电感峰值电流侦测
15
BTP
电池正极
16
VDD
外部输入直流 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com