Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFP555 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MFP555
Description  GOAT ANTI ANTI-MOUSE IGG G (HL) A ANTIBODY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MFP555 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MFP555 Datasheet HTML 1Page - List of Unclassifed Manufacturers MFP555 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION SHEET
For research use only. Not for use in diagnostic or therapeutic procedures.
MoBiTec
MoBiTec
MoBiTec
MoBiTec
MoBiTec
MoBiTec
MoBiTec
MoBiTec
MoBiTec
MoBiTec GmbH, Lotzestraße 22a, D-37083 Göttingen, Tel.: ++49 551-70 722- 0, Fax: ++49 551-70 722-22
E-mail: info@mobitec.de or order@mobitec.de, INTERNET: http://www.mobitec.de
MFP555
MFP555
MFP555
MFP555
MFP555 GOAT
GOAT
GOAT
GOAT
GOAT ANTI
ANTI
ANTI
ANTI
ANTI
-----MOUSE
MOUSE
MOUSE
MOUSE
MOUSE
IIIIIGGGGGG (H+L) A
G (H+L) A
G (H+L) A
G (H+L) A
G (H+L) ANTIBODY
NTIBODY
NTIBODY
NTIBODY
NTIBODY
#MFP-A2422
#MFP-A2422
#MFP-A2422
#MFP-A2422
#MFP-A2422
6. Spectra MFP555
6. Spectra MFP555
6. Spectra MFP555
6. Spectra MFP555
6. Spectra MFP555
7. Other Information
7. Other Information
7. Other Information
7. Other Information
7. Other Information
This material is sold for research purposes only and is not required to appear on the TSCA inventory.
It is not intended for food, drug, household, agricultural or cosmetic use. Its use must be supervised
by a technically qualified individual experienced in handling potentially hazardous chemicals. The
above information is correct to the best of our knowledge. Users should make independent decisions
regarding completeness of the information based on all sources available. MoBiTec shall not be held
liable for any damage resulting from handling or contact with the above product.
8. Order Information, Shipping, Storage
8. Order Information, Shipping, Storage
8. Order Information, Shipping, Storage
8. Order Information, Shipping, Storage
8. Order Information, Shipping, Storage
Order#
Order#
Order#
Order#
Order#
Description
Description
Description
Description
Description
Amount
Amount
Amount
Amount
Amount
MFP-A2422
MFP555 goat anti-mouse IgG (H+L), 1 mg/ml
1 ml
Shipped on blue ice, store at 4°C.
Figure above: Absorption and fluorescence emission spectra of MFP555 dye in ethanol (molar
absorbance: 100.000 M-1cm-1). Absorption and emission maximum shift to 560/585 nm by
measuring MFP555 goat anti–mouse IgG antibody in PBS buffer, pH 7.2.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com