Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575CDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDW
Description  REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575CDW Datasheet(HTML) 1 Page - Texas Instruments

  PCF8575CDW Datasheet HTML 1Page - Texas Instruments PCF8575CDW Datasheet HTML 2Page - Texas Instruments PCF8575CDW Datasheet HTML 3Page - Texas Instruments PCF8575CDW Datasheet HTML 4Page - Texas Instruments PCF8575CDW Datasheet HTML 5Page - Texas Instruments PCF8575CDW Datasheet HTML 6Page - Texas Instruments PCF8575CDW Datasheet HTML 7Page - Texas Instruments PCF8575CDW Datasheet HTML 8Page - Texas Instruments PCF8575CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
INT
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
GND
VCC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
RHL PACKAGE
(TOP VIEW)
1
24
12
13
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
24 23 22 21 20
7
8
9 10 11
1
2
3
4
5
6
18
17
16
15
14
13
RGE PACKAGE
(TOP VIEW)
19
12
P00
P01
P03
P03
P04
P05
A0
P17
P16
P15
P14
P13
DESCRIPTION/ORDERING INFORMATION
PCF8575C
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS123C – MARCH 2005 – REVISED JULY 2006
•
Low Standby-Current Consumption of
•
Latched Outputs With High-Current Drive
10
µA Max
Capability for Directly Driving LEDs
•
I2C to Parallel-Port Expander
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Open-Drain Interrupt Output
•
ESD Protection Exceeds JESD 22
•
Compatible With Most Microcontrollers
– 2000-V Human-Body Model (A114-A)
•
400-kHz Fast I2C Bus
– 200-V Machine Model (A115-A)
•
Address by Three Hardware Address Pins for
Use of up to Eight Devices
– 1000-V Charged-Device Model (C101)
This 16-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 4.5-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QSOP – DBQ
Reel of 2500
PCF8575CDBQR
PCF8575C
TVSOP – DGV
Reel of 2000
PCF8575CDGVR
PF575C
Tube of 25
PCF8575CDW
SOIC – DW
PCF8575C
Reel of 2000
PCF8575CDWR
Tube of 60
PCF8575CDB
SSOP – DB
PF575C
–40
°C to 85°C
Reel of 2000
PCF8575CDBR
Tube of 60
PCF8575CPW
TSSOP – PW
Reel of 1200
PCF8575CPWR
PF575C
Reel of 250
PCF8575CPWT
QFN – RGE
Reel of 3000
PCF8575CRGER
PF575C
QFN – RHL
Reel of 1000
PCF8575CRHLR
PREVIEW
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCF8575CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8575CDW TI1-PCF8575CDW Datasheet
1Mb / 38P
SMBus Low-Power I/O Expander
PCF8575CDWE4 TI1-PCF8575CDWE4 Datasheet
1Mb / 38P
SMBus Low-Power I/O Expander
PCF8575CDWG4 TI1-PCF8575CDWG4 Datasheet
1Mb / 38P
SMBus Low-Power I/O Expander
PCF8575CDWR TI1-PCF8575CDWR Datasheet
1Mb / 38P
SMBus Low-Power I/O Expander
More results

Similar Description - PCF8575CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCF8575DWRG4 TI-PCF8575DWRG4 Datasheet
1,010Kb / 32P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDERWITH INTERRUPT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com