Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTHF75-50 Datasheet(PDF) 1 Page - API Delevan

Part # PTHF75-50
Description  Toroidal Power Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

PTHF75-50 Datasheet(HTML) 1 Page - API Delevan

  PTHF75-50 Datasheet HTML 1Page - API Delevan PTHF75-50 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
25
50
75
100
150
200
250
330
10
25
50
75
100
150
250
10
25
50
75
100
150
250
500
750
25
50
75
100
150
250
500
750
1000
10
25
50
75
100
150
200
250
330
10
25
50
75
100
150
250
10
25
50
75
100
150
250
500
750
25
50
75
100
150
250
500
750
1000
7.36
5.20
3.93
3.47
3.14
2.33
1.97
1.84
1.69
8.27
6.34
4.77
3.90
3.24
2.68
2.07
14.50
9.80
6.90
5.90
4.90
4.50
3.50
2.60
2.10
12.80
9.90
8.00
8.00
6.50
5.00
3.40
3.00
2.40
7.36
5.20
3.93
3.47
3.14
2.33
1.97
1.84
1.69
8.27
6.34
4.77
3.90
3.24
2.68
2.07
14.50
9.80
6.90
5.90
4.90
4.50
3.50
2.60
2.10
12.80
9.90
8.00
8.00
6.50
5.00
3.40
3.00
2.40
6.0
3.6
2.0
1.6
1.5
1.2
1.0
0.9
0.8
9.0
7.0
3.9
3.9
3.4
3.3
2.2
15.0
11.0
8.3
6.7
6.5
4.2
4.0
2.7
1.8
13.5
10.8
8.0
7.1
6.0
4.6
3.1
2.7
2.3
1.70
1.00
0.70
0.60
0.50
0.40
0.35
0.31
0.27
5.30
3.30
2.30
1.80
1.60
1.30
0.90
7.60
4.70
3.30
3.00
2.40
1.90
1.50
1.10
0.90
6.60
4.20
3.70
3.50
2.30
1.90
1.40
1.20
1.00
8.7
5.3
3.1
2.5
2.2
1.8
1.6
1.4
1.2
14.0
10.5
6.0
5.8
4.7
4.8
3.2
20.0
16.0
12.0
9.1
8.2
6.0
5.6
3.8
2.7
20.0
15.2
12.0
10.6
9.0
6.8
4.6
4.0
3.5
3.30
1.90
1.30
1.10
0.96
0.78
0.65
0.59
0.50
9.10
5.70
4.00
3.10
2.80
2.20
1.70
13.00
8.30
5.70
4.90
4.20
3.40
2.70
1.80
1.60
11.00
7.40
6.40
6.00
4.30
3.20
2.50
2.10
1.80
0.010
0.020
0.035
0.045
0.055
0.100
0.140
0.160
0.190
0.010
0.017
0.030
0.045
0.065
0.095
0.160
0.008
0.011
0.022
0.030
0.044
0.052
0.088
0.160
0.240
0.012
0.016
0.023
0.023
0.035
0.060
0.131
0.160
0.235
0.010
0.020
0.035
0.045
0.055
0.100
0.140
0.160
0.190
0.010
0.017
0.030
0.045
0.065
0.095
0.160
0.008
0.011
0.022
0.030
0.044
0.052
0.088
0.160
0.240
0.012
0.016
0.023
0.023
0.035
0.060
0.131
0.160
0.235
35.0
10.0
7.0
5.0
4.0
2.0
1.7
1.5
1.0
20.0
8.0
4.0
3.0
2.0
1.5
1.0
20.0
8.0
4.0
3.0
2.0
1.0
1.0
0.8
0.6
8.0
4.0
3.0
2.0
1.0
1.0
0.8
0.6
0.4
35.0
10.0
7.0
5.0
4.0
2.0
1.7
1.5
1.0
20.0
8.0
4.0
3.0
2.0
1.5
1.0
20.0
8.0
4.0
3.0
2.0
1.0
1.0
0.8
0.6
8.0
4.0
3.0
2.0
1.0
1.0
0.8
0.6
0.4
Horizontal or Vertical Mounting
Excellent electromagnetic shielding
Applications Use Series PTHF for high DC
saturation applications; use Series PTKM for low
AC core loss applications.
Inductance tested at 1 KHz
DC Resistance at 25°C
Rated Idc based upon 40°C maximum rise from
90°C ambient with 0 Arms
Self Leads Solder coated along entire length
Mounting Toroids can be provided in a vertical or
horizontal mount style. Suffix Part Number with “H”
for horizontal mount.
dI Incremental Current is the value indicated in the
table that will cause an approximate percentage
drop in inductance
Marking tape marked with DELEVAN and part
number
Physical Parameters on Next Page
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
SERIES PTHF HIGH SATURATION CORE
PTHF10-50
PTHF25-50
PTHF50-50
PTHF75-50
PTHF100-50
PTHF150-50
PTHF200-50
PTHF250-50
PTHF330-50
PTHF10-121
PTHF25-121
PTHF50-121
PTHF75-121
PTHF100-121
PTHF150-121
PTHF250-121
PTHF10-59
PTHF25-59
PTHF50-59
PTHF75-59
PTHF100-59
PTHF150-59
PTHF250-59
PTHF500-59
PTHF750-59
PTHF25-894
PTHF50-894
PTHF75-894
PTHF100-894
PTHF150-894
PTHF250-894
PTHF500-894
PTHF750-894
PTHF1000-894
SERIES PTKM FERROUS ALLOY CORE
PTKM10-50
PTKM25-50
PTKM50-50
PTKM75-50
PTKM100-50
PTKM150-50
PTKM200-50
PTKM250-50
PTKM330-50
PTKM10-121
PTKM25-121
PTKM50-121
PTKM75-121
PTKM100-121
PTKM150-121
PTKM250-121
PTKM10-59
PTKM25-59
PTKM50-59
PTKM75-59
PTKM100-59
PTKM150-59
PTKM250-59
PTKM500-59
PTKM750-59
PTKM25-894
PTKM50-894
PTKM75-894
PTKM100-894
PTKM150-894
PTKM250-894
PTKM500-894
PTKM750-894
PTKM1000-894
Series
PTHFxxxxR&
PTKMxxxxR
PTHF&PTKM
Toroidal Power Chokes
4/2005
PAGE
103
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814


Similar Part No. - PTHF75-50

ManufacturerPart #DatasheetDescription
logo
API Delevan
PTHF75-50SM API-PTHF75-50SM Datasheet
2Mb / 2P
Surface Mount Toroidal Power Chokes
PTHF75-50VM API-PTHF75-50VM Datasheet
2Mb / 2P
Vertical Toroidal Power Chokes
More results

Similar Description - PTHF75-50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
Toroidal Chokes
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
logo
API Delevan
PTHF10-50 API-PTHF10-50_10 Datasheet
2Mb / 2P
Toroidal Power Chokes
PTHF10-50VM API-PTHF10-50VM Datasheet
2Mb / 2P
Vertical Toroidal Power Chokes
PTHF750R-59H API-PTHF750R-59H Datasheet
2Mb / 2P
Toroidal Power Chokes
logo
Allied Components Inter...
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
Toroidal Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com