Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575CDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDWR
Description  REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575CDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCF8575CDWR Datasheet HTML 7Page - Texas Instruments PCF8575CDWR Datasheet HTML 8Page - Texas Instruments PCF8575CDWR Datasheet HTML 9Page - Texas Instruments PCF8575CDWR Datasheet HTML 10Page - Texas Instruments PCF8575CDWR Datasheet HTML 11Page - Texas Instruments PCF8575CDWR Datasheet HTML 12Page - Texas Instruments PCF8575CDWR Datasheet HTML 13Page - Texas Instruments PCF8575CDWR Datasheet HTML 14Page - Texas Instruments PCF8575CDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
TYPICAL OPERATING CHARACTERISTICS
Supply Current
vs Temperature
Temperature (
°C)
100
75
25
50
0
−25
10
20
30
40
50
60
70
80
90
100
0
fSCL = 400 kHz
All I/Os unloaded
Temperature (
°C)
100
75
25
50
0
−25
1
2
3
4
5
6
7
8
9
0
−50
Supply Current
vs Supply Voltage
5.0
4.5
3.5
4.0
3.0
2.5
10
20
30
40
50
60
70
80
90
100
0
I/O Sink Current
vs Output Low Voltage
0.4
0.3
0.2
0.1
5
10
15
20
25
30
35
40
45
50
0
0
0.5
Temperature (
°C)
100
75
−25
0
25
50
50
100
150
200
250
300
350
400
0
VCC = 5 V
SCL =
VCC
All I/Os unloaded
fSCL = 400 kHz
All I/Os unloaded
VCC = 5 V
TA = −40_C
TA = 25_C
TA = 125_C
VCC = 5 V, ISINK = 10 mA
VCC = 5 V, ISINK = 1 mA
VOL (V)
Standby Supply Current
vs Temperature
I/O Output Low Voltage
vs Temperature
VCC = 5 V
Supply Voltage (V)
Temperature (
°C)
100
75
50
25
0
−25
100
200
300
400
500
0
I/O High Voltage
vs Temperature
VCC = 5 V, ISOURCE = 10 mA
125
2.0
5.5
−50
125
−50
125
125
−50
PCF8575C
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS123C – MARCH 2005 – REVISED JULY 2006
T
A = 25°C (unless otherwise noted)
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com