Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HP Datasheet(PDF) 12 Page - Analog Devices

Part # REF02HP
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HP Datasheet(HTML) 12 Page - Analog Devices

Back Button REF02HP Datasheet HTML 8Page - Analog Devices REF02HP Datasheet HTML 9Page - Analog Devices REF02HP Datasheet HTML 10Page - Analog Devices REF02HP Datasheet HTML 11Page - Analog Devices REF02HP Datasheet HTML 12Page - Analog Devices REF02HP Datasheet HTML 13Page - Analog Devices REF02HP Datasheet HTML 14Page - Analog Devices REF02HP Datasheet HTML 15Page - Analog Devices REF02HP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REF02
Rev. I | Page 12 of 16
PRECISION CURRENT SOURCE
A current source with 35 V output compliance and excellent
output impedance can be obtained using this circuit. REF02
keeps the line voltage and power dissipation constant in the
device; the only important error consideration at room
temperature is the negative supply rejection of the op amp. The
typical 3 µV/V PSRR of the OP02E creates a 20 ppm change
(3 µV/V × 35 V/5 V) in output current over a 25 V range. For
example, a 5 mA current source can be built (R = 1 kΩ) with
350 MΩ output impedance.
GND
REF02
GND
REF02
OP02E
C
C
R
2
2
2
6
6
7
3
4
6
4
4
+50V
–5V
IO =
5V
R
RO =
35V
20
×10–6 × 5mA
R
(TRIM FOR
CALIBRATION)
VIN
VO
VIN
VO
VO = 0V
TO 25V
1
2
Figure 22. Precision Current Source
VIN
GND
TRIM
VO
REF02
2
6
5
4
R
TEMP
3
15V
IOUT
IOUT = +
5V
R
+ 1mA
VOLTAGE COMPLIANCE: –25V TO +8V
Figure 23. Current Source
SUPPLY BYPASSING
For best results, it is recommended that the power supply pin be
bypassed with a 0.1 µF disc ceramic capacitor.
VIN
GND
TRIM
VO
REF02
2
6
5
4
R
TEMP
3
–15V
IOUT
IOUT = +
5V
R
+ 1mA
VOLTAGE COMPLIANCE: –9V TO +25V
Figure 24. Current Sink
REF02
DAC08
OP02
0.1
µF
+15V
4
6
5
5k
Ω
5k
Ω
5k
Ω
5k
Ω
+15V
–15V
–15V
+15V
EO
LSB
MSB
2
B1 B2 B3 B4 B5 B6 B7 B8
V+
V–
CC VLC
2
4
VIN V
O
GND
lO
lO
Figure 25. DAC Reference
GND
REF02HJ
2
6
4
A1
–7.5V
+7.5V
A2
–7.5V
1/2 OP04CK
1/2 OP04CK
–7.5V (
±10%)
+7.5V (
±10%)
R3
1k
Ω
R1
20k
Ω
R2
13.3k
Ω
VO(–) = –3V
VO(+) = +3V
R4
2k
Ω
VIN
VO
Figure 26. ±3 V Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com