Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02RC/883 Datasheet(PDF) 10 Page - Analog Devices

Part # REF02RC/883
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02RC/883 Datasheet(HTML) 10 Page - Analog Devices

Back Button REF02RC/883 Datasheet HTML 6Page - Analog Devices REF02RC/883 Datasheet HTML 7Page - Analog Devices REF02RC/883 Datasheet HTML 8Page - Analog Devices REF02RC/883 Datasheet HTML 9Page - Analog Devices REF02RC/883 Datasheet HTML 10Page - Analog Devices REF02RC/883 Datasheet HTML 11Page - Analog Devices REF02RC/883 Datasheet HTML 12Page - Analog Devices REF02RC/883 Datasheet HTML 13Page - Analog Devices REF02RC/883 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REF02
Rev. I | Page 10 of 16
OUTPUT ADJUSTMENT
The REF02 trim terminal can be used to adjust the output
voltage over a 5 V ± 300 mV range. This feature lets the system
designer trim system errors by setting the reference to a voltage
other than 5 V. The output also can be set to exactly 5.00 V or to
5.12 V for binary applications.
Adjustment of the output does not significantly affect the
temperature performance of the device. The temperature
coefficient change is approximately 0.7 ppm/°C for 100 mV of
output adjustment.
U1
REF02
VIN
VOUT
TEMP TRIM
GND
VIN
VO
pot
10k
Ω
R2
1k
Ω
R1
470k
Ω
Figure 14. Output Adjustment Circuit
VIN
GND
–18V
+18V
4
2
REF02
Figure 15. Burn-In Circuit
VIN
GND
REF02
VO
TRIM
TEMP
0.1
µF
5k
Ω
OP02
10k
Ω
10k
Ω
+15V
–15V
+15V
+5V
–5V
4
5
3
6
2
Figure 16. ±5 V Reference
REF02
R1
5.6k
Ω
R2
5.6k
Ω
2
+5V
4
6
2
OP02
–
+
3
4
6
7
–9V
VREF
VO+
+2.5V
+VO
–2.5V
VO+ =
(VREF),
R1
R1 + R2
VO– =
(VREF)
R2
R1 + R2
Figure 17. ±2.5 V Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com