Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-276 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-276
Description  High Power GaAs SPDT Switch DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-276 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-276 Datasheet HTML 1Page - Tyco Electronics SW-276 Datasheet HTML 2Page - Tyco Electronics SW-276 Datasheet HTML 3Page - Tyco Electronics SW-276 Datasheet HTML 4Page - Tyco Electronics SW-276 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Power GaAs SPDT Switch
DC - 3.0 GHz
SW-276
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: TA = -55 to +85°C, Z0 = 50 Ω
7,8
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
—
—
—
—
0.4
0.5
0.7
0.9
0.5
0.65
0.8
1.0
Isolation
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
37
31
24
19
—
—
—
—
—
—
—
—
VSWR
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.3:1
1.5:1
1.5:1
1.6:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
30
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
—
35
—
Transients
In Band
mV
—
12
—
Input Power for P0.1dB
0.9 GHz (-5 V Control)
0.9 GHz (-8 V Control)
dBm
dBm
—
—
32
35
—
—
Third Order Intercept Point
Two +10 dBm Input tones
0.9 GHz (-5 V Control)
0.9 GHz (-8 V Control)
dBm
dBm
—
—
61
65
—
—
Input Power for P1dB
0.9 GHz (-5 V Control)
0.9 GHz (-8 V Control)
dBm
dBm
—
—
35
39
—
—
7. All specifications apply when operated with bias voltages of 0 V for VIN Low and -5 to -10 V for VIN High, and 50 ohm impedance at all RF
ports, unless otherwise specified.
8. High power (greater than 1W) handling specifications apply to cold switching only. For input powers under 1W hot switching can be used.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
9
Condition of Switch,
RF Common to each
RF Port
A
B
RF1
RF2
1
0
On
Off
0
1
Off
On
Control
9. 0 = Low = 0 to -0.2 V @ 20 µA max.,
1 = High = -5 V @ 50 µA typ. to -10 V @ 800 µA max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com