Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-276B Datasheet(PDF) 5 Page - Tyco Electronics

Part # SW-276B
Description  High Power GaAs SPDT Switch DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-276B Datasheet(HTML) 5 Page - Tyco Electronics

  SW-276B Datasheet HTML 1Page - Tyco Electronics SW-276B Datasheet HTML 2Page - Tyco Electronics SW-276B Datasheet HTML 3Page - Tyco Electronics SW-276B Datasheet HTML 4Page - Tyco Electronics SW-276B Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
High Power GaAs SPDT Switch
DC - 3.0 GHz
SW-276
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
5
RoHS
Compliant
Table 1 - Screening
10 (Reference Document MIL-STD-883D)
Test
Sample Size
Method/Condition
Internal Visual
11
1%
M/A-COM Workmanship Standard
Stabilization Bake
100%
1008/C, 150°C for 24 hours
Temperature Cycling
100%
1010/C, -65°C, 150°C
Constant Acceleration
100%
2001/A, 5000G, Y1 Plane only
Burn-In
12
100%
1015, 125°C for 160 hours
Final Electrical
100%
Product Data Sheet Guaranteed Parameters
Seal Test - Fine Leak
100%
1014/A
Seal Test - Gross Leak
100%
1014/C
External Visual
13
100%
M/A-COM Workmanship Standard
10. This test does not apply to connectorized units. Connectorized units using hermetically sealed hybrid microcircuits will be screened to
Table 1 at the hybrid level.
11. Sample size for internal visual will be per MIL-STD-105, AQL 1%.
12. Burn-in temperature will be reduced as necessary to keep the internal junction temperatures from exceeding their absolute maximum
ratings.
13. Parts will be marked with their standard marking, plus a screening date and “T1” to signify that they were screened.
Table B - Screening (Reference Document MIL-STD-883D), Includes 100% Internal Visual
Test
Sample Size
Method/Condition
Internal Visual
100%
2017
Stabilization Bake
100%
1008/C, 150°C for 24 hours
Temperature Cycling
100%
1010/C, -65°C, 150°C
Constant Acceleration
100%
2001/A, 5000G, Y1 Plane only
Burn-In
14
100%
1015, 125°C for 160 hours
Final Electrical
100%
Product Data Sheet Guaranteed Parameters
Seal Test - Fine Leak
100%
1014/A
Seal Test - Gross Leak
100%
1014/C
External Visual
15
100%
2009
14. Burn-In temperature will be reduced as necessary to keep the internal junction temperatures from exceeding their absolute maximum
ratings.
15. Parts will be marked with their standard marking, plus a “B” suffix.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com