Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7650SCPDZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # 7650SCPDZ
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7650SCPDZ Datasheet(HTML) 3 Page - Intersil Corporation

  7650SCPDZ Datasheet HTML 1Page - Intersil Corporation 7650SCPDZ Datasheet HTML 2Page - Intersil Corporation 7650SCPDZ Datasheet HTML 3Page - Intersil Corporation 7650SCPDZ Datasheet HTML 4Page - Intersil Corporation 7650SCPDZ Datasheet HTML 5Page - Intersil Corporation 7650SCPDZ Datasheet HTML 6Page - Intersil Corporation 7650SCPDZ Datasheet HTML 7Page - Intersil Corporation 7650SCPDZ Datasheet HTML 8Page - Intersil Corporation 7650SCPDZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN2920.10
April 12, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . (V+ +0.3) to (V- -0.3)
Voltage on Oscillator Control Pins . . . . . . . . . . . . . . . . . . . . V+ to V-
Duration of Output Short Circuit. . . . . . . . . . . . . . . . . . . . . Indefinite
Current to Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
While Operating (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . .100
μA
Operating Conditions
Temperature Range
ICL7650SC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical, Note 2)
θJA (°C/W) θJC (°C/W)
8 Lead PDIP Package* . . . . . . . . . . . .
110
N/A
14 Lead PDIP Package . . . . . . . . . . . .
90
N/A
8 Lead SOIC Package . . . . . . . . . . . . .
160
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -55°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Limiting input current to 100
μA is recommended to avoid latchup problems. Typically 1mA is safe, however this is not guaranteed.
2.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V. See Test Circuit, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
Input Offset Voltage (Note 3)
VOS
+25
-
±0.7
±5
μV
0 to +70
-
±1
±8
μV
Average Temperature Coefficient of
Input Offset Voltage (Note 3)
ΔVOS/ΔT
0 to +70
-
0.02
-
μV/°C
Change in Input Offset with Time
ΔVOS/ΔT
+25
-
100
-
nV/
√month
Input Bias Current |I(+)|, |I(-)|
IBIAS
+25
-
4
10
pA
0 to +70
-
520
pA
Input Offset Current |I(-), |I(+)|
IOS
+25
-
820
pA
0 to +70
-
10
40
pA
Input Resistance
RIN
+25
-
1012
-
Ω
Large Signal Voltage Gain (Note 3)
AVOL
RL = 10kΩ, VO = ±4V
+25
135
150
-dB
0 to +70
130
--
dB
Output Voltage Swing (Note 4)
VOUT
RL = 10kΩ
+25
±4.7
±4.85
-
V
RL = 100kΩ
+25
-
±4.95
-
V
Common Mode Voltage Range (Note 3)
CMVR
+25
-5
-5.2 to +4
3.5
V
0 to +70
-5
-
3.5
V
Common Mode Rejection Ratio
(Note 3)
CMRR
CMVR = -5V to +3.5V
+25
120
140
-dB
0 to +70
120
--
dB
Power Supply Rejection Ratio
PSRR
VS = ±3V to ±8V
+25
120
140
-dB
Input Noise Voltage
eN
RS = 100Ω,
f = DC to 10Hz
+25
-
2
-
μVP-P
Input Noise Current
iN
f = 10Hz
+25
-
0.01
-
pA/
√Hz
Gain Bandwidth Product
GBWP
+25
-
2
-
MHz
Slew Rate
SR
CL = 50pF, RL = 10kΩ
+25
-
2.5
-
V/
μs
Rise Time
tR
+25
-
0.2
-
μs
Overshoot
OS
+25
-
20
-
%
Operating Supply Range
V+ to V-
+25
4.5
-
16
V
Supply Current
ISUPP
No Load
+25
-
2
3
mA
0 to +70
-
-
3.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com