Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9012 Datasheet(PDF) 5 Page - EPCOS

Part # B9012
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9012 Datasheet(HTML) 5 Page - EPCOS

  B9012 Datasheet HTML 1Page - EPCOS B9012 Datasheet HTML 2Page - EPCOS B9012 Datasheet HTML 3Page - EPCOS B9012 Datasheet HTML 4Page - EPCOS B9012 Datasheet HTML 5Page - EPCOS B9012 Datasheet HTML 6Page - EPCOS B9012 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
May 26, 2004
SAW Components
B9012
897,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30 ...
+85 ˚C
Terminating source impedance:
ZS = 100 Ω (balanced) || 82 nH
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
897,5
—
MHz
Maximum insertion attenuation
α
max
880,0
... 915,0
MHz
—
2,7
3,7
dB
Amplitude ripple (p-p)
∆α
880,0
... 915,0
MHz
—
1,2
2,2
dB
Input VSWR
880,0
... 915,0
MHz
—
1,8
2,0
Output VSWR
880,0
... 915,0
MHz
—
1,8
2,0
Output phase balance
(φ(S31)−φ(S21)+180˚)
880,0
... 915,0
MHz
-10
—
10
degree
Output amplitude balance
(|S31/S21|)
880,0
... 915,0
MHz
-1,0
—
1,0
dB
Diff. to common mode suppression
Ssc12
880,0
... 915,0
MHz
18
26
—
dB
1760,0
... 1830,0
MHz
18
41
—
dB
2640,0
... 2745,0
MHz
18
32
—
dB
Attenuation
α
0,0
... 800,0
MHz
45
56
—
dB
800,0
... 860,0
MHz
25
42
—
dB
860,0
... 870,0
MHz
12
26
—
dB
925,0
... 935,0
MHz
8
13
—
dB
935,0
...1805,0
MHz
25
30
—
dB
1805,0
...3660,0
MHz
30
36
—
dB
3660,0
...6000,0
MHz
15
30
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com