Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN640 Datasheet(PDF) 1 Page - Western Digital Corporation or its affiliates.

Part # SN640
Description  Mainstream NVMe™ SSD for Data Center IT and Cloud Deployment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

SN640 Datasheet(HTML) 1 Page - Western Digital Corporation or its affiliates.

  SN640 Datasheet HTML 1Page - Western Digital Corporation or its affiliates. SN640 Datasheet HTML 2Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mainstream NVMe™ SSD for Data Center IT and
Cloud Deployment
The Ultrastar DC SN640 NVMe SSD is a mainstream NVMe™ SSD targeting broad
deployment as boot, caching, or primary storage in data center IT and cloud
environments. The DC SN640 is optimized to deliver the highest performance and
consistent QoS read latency when running random mixed workloads typically
generated by enterprise applications such as virtualization, OLTP, NoSQL, web servers,
file servers, and mail servers.
The DC SN640 NVMe SSD is ideal for replacing SATA SSDs by delivering 6x
improvement in sequential read performance and 3x improvement random mixed
read/write performance. The DC SN640 boosts data center performance and
responsiveness as direct attached, distributed storage or in large scale cloud
deployments.
The DC SN640 includes Western Digital’s 96-Layer BiCS4 3D TLC NAND and Western
Digital’s NVMe 1.3c controller and incorporates enterprise reliability features, such
as power-loss protection, end-to-end data path protection, and a five-year limited
warranty.
Designed for Workload Flexibility
The Ultrastar DC SN640 is available in two endurance classes: 0.8 DW/D (capacities
from 960GB-7.68TB) and 2 DW/D (capacities 800GB-6.4TB).
The 0.8 DW/D SKU features tunable endurance, giving customers the flexibility to
configure endurance and performance for seasonal burst workloads.
Safeguarding Data
The Ultrastar DC SN640 includes power loss protection to ensure that data is not lost
during unexpected power interruption. It is available with Secure Erase (SE), Instant
Secure Erase (ISE), or TCG Ruby security options. SE and ISE provide entire drive erase
options upon decommissioning. The DC SN640 is available as a self-encrypting drive
with TCG Ruby to provide protection for data in storage and to help meet compliance
criteria.
Better with NVMe
Now is the right time to upgrade from SATA SSDs to NVMe performance in cloud/
hyperscale and on-prem data centers. The Ultrastar DC SN640 NVMe SSD will
help enable lower TCO compared to SATA SSDs, while providing low-latency and
performance for current demanding workloads and future requirements.
2.5-inch U.2, 7mm, NVMe SSD
800GB, 1.6TB, 3.2TB, 6.4TB,
960GB, 1.92TB, 3.84TB, 7.68TB¹
Features
• Western Digital NVMe 1.3c compliant controller;
PCIe Gen3.1x4
• Western Digital BiCS4 96L 3D TLC NAND
• 0.8 and 2 DW/D
• Data-loss protection
• MTBF rating of 2 million hours
• Secure Erase (SE), Instant Secure Erase (ISE), TCG
Ruby
• 5-year limited warranty
• Enterprise features including variable sector
sizes, end-to-end data path protection and
Power Loss Protection. TCG Ruby models
include 128 namespaces, NVMe-MI version 1.1.
Benefits
• Optimized for performance and latency
consistency on mixed used workloads
• 6x read performance improvement over SATA
SSDs
• Vertically integrated with proven controller
architecture accelerates qualification
Specialized for the Following
Applications
• Boot, cache or storage
• Software Defined Storage
• File, Block and Object Storage applications
• Hyper-converged Infrastructure
• Virtualization
DATA SHEET
Ultrastar® DC SN640


Similar Part No. - SN640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64178 TI-SN64178 Datasheet
218Kb / 6P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN64BCT TI-SN64BCT Datasheet
5Mb / 794P
Pocket Data Book
SN64BCT125A TI-SN64BCT125A Datasheet
70Kb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN64BCT125A TI2-SN64BCT125A Datasheet
408Kb / 10P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED MAY 1994
SN64BCT125AD TI-SN64BCT125AD Datasheet
70Kb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN640

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
M20SSD SILICOM-M20SSD Datasheet
676Kb / 2P
U.2 to 4 x M.2 NVMe SSD module
logo
Greenliant systems
G7200 GREENLIANT-G7200 Datasheet
161Kb / 5P
NVMe U.2 EnduroSLC Industrial Enterprise SSD
logo
Kingston Technology Far...
DC1000B KINGSTON-DC1000B Datasheet
357Kb / 2P
DC1000B M.2 NVME SSD
logo
Tripp Lite. All Rights ...
U357-1M2-NVMEG2 TRIPPLITE-U357-1M2-NVMEG2 Datasheet
164Kb / 3P
M.2 SSD Enclosure for PlayStation 5 - USB 3.2 Gen 2, PCIe and NVMe, Aluminum Housing
logo
Kingston Technology Far...
SEDC450R KINGSTON-SEDC450R Datasheet
1Mb / 2P
DATA CENTER DC450R SSD
logo
Micron Technology
MTFDKBA400TFS-1BC4ZAB MICRON-MTFDKBA400TFS-1BC4ZAB Datasheet
386Kb / 4P
Micron® 7450 SSD With NVMe®
logo
Lanner All Rights Reser...
HDM-1006 LANNER-HDM-1006 Datasheet
362Kb / 1P
1U Storage Blade with 6x NVMe SSD Trays for HTCA-6000 Series
V1-2022,8,19
logo
Micron Technology
MTFDKCC6T4TGJ-1BC1ZABYY MICRON-MTFDKCC6T4TGJ-1BC1ZABYY Datasheet
1Mb / 2P
MICRON 9400 NVMe SSD
logo
Silicon Motion Technolo...
SM2263EN SILICONMOTION-SM2263EN Datasheet
723Kb / 2P
High Performance PCIe Gen3 x4 NVMe 1.3 SSD Controllers
logo
Vaisala
CWL100 VAISALA-CWL100 Datasheet
488Kb / 3P
Cloud Wireless Data Logger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com