Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4100 Datasheet(PDF) 3 Page - Texas Instruments

Part # S4100
Description  Multi-Function Reader Module Data Sheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

S4100 Datasheet(HTML) 3 Page - Texas Instruments

  S4100 Datasheet HTML 1Page - Texas Instruments S4100 Datasheet HTML 2Page - Texas Instruments S4100 Datasheet HTML 3Page - Texas Instruments S4100 Datasheet HTML 4Page - Texas Instruments S4100 Datasheet HTML 5Page - Texas Instruments S4100 Datasheet HTML 6Page - Texas Instruments S4100 Datasheet HTML 7Page - Texas Instruments S4100 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S4100 MULTI-FUNCTION READER MODULE
11-06-22-715 10/2003
3
WWW.TI-RFID.COM
CONNECTOR PIN-OUTS AND INTERFACE
Connector J1:
Connector
Pins
Input / Output
Signal Name
Connected to
Interface, Sink / Source Current*
8
Input
RX Data
J8 pin 8
Isink_max = 20 mA at 5V
7
Output
TX Data
J8 pin 7
Isource_max = 20 mA at 5V
6
GP I/O
OUT 1
J8 pin 6, J7 pin 3
Isource_max = 20 mA at 5V
5
No Connection
No Connection
J8 pin 5
4
GP I/O
OUT 2
J8 pin 4, J7 pin 4
Isource_max = 20 mA at 5V
3
GP I/O
OUT 3
J8 pin 3
Isource_max = 20 mA at 5V
2
Ground
Ground
J8 pin 2
System Ground
1
Input
Vcc
J8 pin 1
Regulated Power Input
Connector: Oupiin 4472-8TD1
Mating Connector: Oupiin P/N 4472-1X8H (Housing), 4472-PIN-T (Pin)
Connector J8:
Connector Pins
Input / Output
Signal Name
Connected to
Interface, Sink / Source Current*
1
Input
Vcc
J1 pin 1
Regulated Power Input
2
Ground
Ground
J1 pin 2
System Ground
3
GP I/O
OUT 3
J1 pin 3
Isource_max = 20 mA at 5V
4
GP I/O
OUT 2
J1 pin 4, J7 pin 4
Isource_max = 20 mA at 5V
5
No Connection
No Connection
J1 pin 5
6
GP I/O
OUT 1
J1 pin 6, J7 pin 3
Isource_max = 20 mA at 5V
7
Output
TX Data
J1 pin 7
Isource_max = 20 mA at 5V
8
Input
RX Data
J1 pin 8
Isink_max = 20 mA at 5V
Connector Type: Header 8 pin 100 mil center
* Connectors J1 and J8 are connected in parallel. If using both connectors, please observe maximum current limits.
Connector J4:
Connector
Pins
Input /
Output
Signal Name
Connected
to
Notes
1
Ground
HF Antenna Ground
J7 pin 1
2
Output
HF Antenna Output
J7 pin 2
50 Ω
Connector Type: Header 8 pin 100 mil center
Connector J5:
Connector
Pins
Input /
Output
Signal Name
Connected
to
Notes
1
Output
LF Ant High
J7 pin 6
2
Output
LF Ant Low
J7 pin 5
Connector Type: Header 2 pin 100 mil center
Figure 3. Connector Locations
Connector J7:
Connector Pins
Input / Output
Signal Name
Connected to
Interface, Sink / Source Current
1
Ground
HF Antenna Ground
J4 pin 1
2
Output
HF Antenna Output
J4 pin 2
50 Ω
3
GP I/O
OUT 1
J1 pin 6, J8 pin 6
Isource_max = 20 mA at 5V
4
GP I/O
OUT 2
J1 pin 4, J8 pin 4
Isource_max = 20 mA at 5V
5
Output
LF Ant Low
J5 pin 2
6
Output
LF Ant High
J5 pin 1
400 to 700 uH, 440 uH typical
between LF Ant 1 and LF Ant 2
Connector: Molex P/N 52207-0690



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com