Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2551 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC2551
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2551 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC2551 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2551 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC2551 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2551
isc Silicon NPN Power Transistor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC= 100uA, IE= 0
300
--
V
V(BR)CEO
Collector-emitter breakdown voltage
IC= 1mA, IB= 0
300
V(BR)EBO
Emitter-base breakdown voltage
IE= 100uA, IC= 0
6
VEB(sat)
Base-Emitter Saturation Voltage
IC= 20mA, IB= 2mA
--
--
1.2
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20mA, IB= 2mA
--
--
0.5
V
ICBO
Collector Cutoff Current
VCB= 300V; IE= 0
--
--
0.1
uA
IEBO
Emitter Cutoff Current
VEB = 6V; IC= 0
--
--
0.1
uA
hFE
DC Current Gain
IC= 20mA; VCE= 10V
30
--
150
hFE
DC Current Gain
IC= 1mA; VCE=10V
20
--
--
fT
Current-Gain—Bandwidth Product
IC= 20mA ; VCE=10V
--
80
--
MHz
hFE1 Classifications
R
O
30-90
50-150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com