Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-008B Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-RFM-008B
Description  SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-008B Datasheet(HTML) 2 Page - Texas Instruments

  RI-RFM-008B Datasheet HTML 1Page - Texas Instruments RI-RFM-008B Datasheet HTML 2Page - Texas Instruments RI-RFM-008B Datasheet HTML 3Page - Texas Instruments RI-RFM-008B Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
OPERATING CHARACTERISTICS
RI-RFM-008B, RI-ACC-008B
SCBS850 – MARCH 2001
over operating free-air temperature range (unless otherwise noted)
RI-RFM-008B
RI-ACC-008B
UNIT
Operating Temperature
–25 to +70
–25 to +70
°C
Storage Temperature
–40 to +85
–40 to +85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
RI-RFM-008B
RI-ACC-008B
Power Supply
7 to 24 Vdc, regulated
—
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-RFM-008B
RI-ACC-008B
Relative Humidity
< 97% non-condensing, IEC 68-2-30 Test Db, 21 cycles
RF Transmit Frequency
134.2
kHz
Transponder Types
134.2 kHz HDX/FSK
Antenna Tuning Range
Determined by the tuning-board
8 to 80
µH
Max. 280 / 400 Vpeak
Antenna Resonance Voltage
Max. 380 Vpeak
(depending on the configured
inductance range)
Dimensions (L
× W × H)
(83
× 93 × 44) ± 1
(115
× 70 × 27) ± 1
mm
Weight
160
162
g
Cable (RFM to tuning-board)
Symmetrical shielded cable (twin-ax)
2
Submit Documentation Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com