Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ01 Datasheet(PDF) 1 Page - InterFET Corporation

Part # NJ01
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ01 Datasheet(HTML) 1 Page - InterFET Corporation

  NJ01 Datasheet HTML 1Page - InterFET Corporation NJ01 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-2
01/99
NJ01 Process
Silicon Junction Field-Effect Transistor
¥ Low-Current
¥ Low Gate Leakage Current
¥ High Input Impedance
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the NJ01 Process.
Datasheet
2N4117, 2N4117A
2N4118, 2N4118A
2N4119, 2N4119A
IFN421, IFN422
IFN423, IFN424
IFN425, IFN426
Datasheet
DPAD1, DPAD2
DPAD5, DPAD10
PAD1, PAD2
PAD5
VCR7N
At 25°C free air temperature:
NJ01 Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 40
– 50
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.5
– 10
pA
VGS = – 20V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.5
– 6
V
VDS = 10V, ID = 1 µA
Drain Saturation Current (Pulsed)
IDSS
0.03
0.6
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward Transconductance
gfs
175
µS
VDS = 10V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
2pF
VDS = 10V, VGS = ØV
f = 1 MHz
Common Source Reverse Transfer Capacitance
Crss
0.9
pF
VDS = 10V, VGS = ØV
f = 1 MHz
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
G
G
S-D
S-D
Die Size = 0.016" X 0.016"
All Bond Pads = 0.004" Sq.
Substrate is also Gate.
Databook.fxp
1/13/99 2:09 PM
Page F-2


Similar Part No. - NJ01

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ0311L3 DGNJDZ-NJ0311L3 Datasheet
1Mb / 4P
Single Line TVS Diode for ESD
NJ0311T DGNJDZ-NJ0311T Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0511L3 DGNJDZ-NJ0511L3 Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0521L DGNJDZ-NJ0521L Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0524P DGNJDZ-NJ0524P Datasheet
1Mb / 4P
Single Line TVS Diode for ESD
More results

Similar Description - NJ01

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com