Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ14AL Datasheet(PDF) 2 Page - InterFET Corporation

Part # NJ14AL
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ14AL Datasheet(HTML) 2 Page - InterFET Corporation

  NJ14AL Datasheet HTML 1Page - InterFET Corporation NJ14AL Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01/99
F-5
NJ14AL Process
Silicon Junction Field-Effect Transistor
Temperature (K)
Noise as a Function of Temperature
Gate Source Voltage in Volts
Input Capacitance as a Function of VGS
Gate Source Cutoff Voltage in Volts
0
– 1– 2– 3– 4– 5– 6
Drain Saturation Current as a Function of VGS(OFF)
25
20
15
10
5
0
– 1– 2– 3– 4– 5– 6
10
100
1K
10K
100K
10
8
6
4
2
6
4
2
Frequency in Hz
Noise as a Function of Frequency
Gate Source Cutoff Voltage in Volts
Gfs as a Function of VGS(OFF)
100
150
200
250
300
350
2
4
6
8
f = 1 kHz
f = 100 kHz
VDG = 4 V
ID = 5 mA
0
– 4
– 8
– 12
– 16
3.5
3.0
2.5
2.0
1.5
VDS = Ø V
VDS = 5 V
Drain to Source Voltage in Volts
0
5
10
15
20
Drain Current as a Function of VDS
10
8
6
4
2
Vgs = –2.0 V
Vgs = –1.5 V
Vgs = –1.0 V
Vgs = –0.5 V
Vgs = Ø V
VGS(OFF) = Ð2.2 V
Databook.fxp
1/13/99 2:09 PM
Page F-5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com