Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ16 Datasheet(PDF) 1 Page - InterFET Corporation

Part # NJ16
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ16 Datasheet(HTML) 1 Page - InterFET Corporation

  NJ16 Datasheet HTML 1Page - InterFET Corporation NJ16 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-6
01/99
NJ16 Process
Silicon Junction Field-Effect Transistor
¥ Low Current Switch
¥ General Purpose Amplifier
¥ High Breakdown Voltage
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the NJ16 Process.
Datasheet
2N3954, 2N3955
2N3956
2N3957, 2N3958
2N4220, 2N4220A
2N4221, 2N4221A
2N4338, 2N4339
2N4340, 2N4341
2N4867, 2N4867A
2N4868, 2N4868A
2N4869, 2N4869A
Datasheet
2SK17, 2SK40
2SK59, 2SK105
IFN17, IFN40
IFN59, IFN105
J201, J202
J203, J204
J230, J231
J232
J500, J501
J502, J503
Datasheet
J504, J505
J506, J507
J508, J509
J510, J511
J553, J554
J555, J556
J557
U553, U554
U555, U556
U557
VCR4N
At 25°C free air temperature:
NJ16 Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 50
– 60
V
IG = – 1 µA, VDS = ØV
Reverse Gate Leakage Current
IGSS
– 10
– 100
pA
VGS = – 30V, VDS = ØV
Drain Saturation Current (Pulsed)
IDSS
0.2
9
mA
VDS = 15V, VGS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.8
– 5.5
V
VDS = 15V, ID = 1 nA
Dynamic Electrical Characteristics
Forward Transconductance
gfs
2.2
mS
VDS = 15V, VGS = ØV
f = 1 kHz
Input Capacitance
Ciss
3.5
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Feedback Capacitance
Crss
1.2
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Equivalent Noise Voltage
¯eN
6
nV/
√HZ V
DS = 10 V, ID = 5 mA
f = 1 kHz
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
G
S-D
Die Size = 0.017" X 0.017"
All Bond Pads = 0.004" Sq.
Substrate is also Gate.
S-D
G
Databook.fxp
1/13/99 2:09 PM
Page F-6


Similar Part No. - NJ16

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
NJ16C11192 WINCHESTER-NJ16C11192 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ16C11195 WINCHESTER-NJ16C11195 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ16C11792 WINCHESTER-NJ16C11792 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ16C12192 WINCHESTER-NJ16C12192 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ16C12195 WINCHESTER-NJ16C12195 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
More results

Similar Description - NJ16

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com