Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ26L Datasheet(PDF) 2 Page - InterFET Corporation

Part # NJ26L
Description  Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ26L Datasheet(HTML) 2 Page - InterFET Corporation

  NJ26L Datasheet HTML 1Page - InterFET Corporation NJ26L Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01/99
F-13
NJ26L Process
Silicon Junction Field-Effect Transistor
Gate Source Voltage in Volts
Input Capacitance as a Function of VGS
Drain Source Cutoff Voltage in Volts
0
– 1– 2– 3– 4– 5– 6
Drain Saturation Current as a Function of VGS(OFF)
35
30
25
20
15
10
5
Drain to Source Voltage in Volts
0
5
10
15
20
Drain Current as a Function of VDS
15
12
9
6
3
Gate Source Cutoff Voltage in Volts
Gfs as a Function of VGS(OFF)
VGS = –2.0 V
VGS = –1.5 V
VGS = –1.0 V
VGS = –0.5 V
VGS = Ø V
VGS(OFF) = Ð2.5 V
Drain Current in mA
0.1
1
10
20
Forward Tranconductance vs. Drain Current
10
8
6
4
2
IDSS = 10 mA
IDSS = 16 mA
IDSS = 24 mA
0
4
8
12
16
7
6
5
4
3
VDS = 5 V
VDS = 15 V
Gate Source Voltage in Volts
Feedback Capacitance as a Function of VGS
0
4
8
12
16
2.5
2.0
1.5
1.0
0.5
VDS = 5 V
VDS = 15 V
0
– 1
– 2
– 3
– 4
– 5
– 6
10
9
8
7
6
5
Databook.fxp
1/13/99 2:09 PM
Page F-13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com