Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ42 Datasheet(PDF) 2 Page - InterFET Corporation

Part # NJ42
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ42 Datasheet(HTML) 2 Page - InterFET Corporation

  NJ42 Datasheet HTML 1Page - InterFET Corporation NJ42 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01/99
F-25
NJ42 Process
Silicon Junction Field-Effect Transistor
2468
10
12
1.2
1.0
0.8
0.6
0.4
0.2
Gate Source Cutoff Voltage in Volts
Gfs as a Function of VGS(OFF)
Drain Source Voltage in Volts
Output Admittance as a Function of VGS
0
10203040
50
1.0
0.8
0.6
0.4
0.2
Gate Source Voltage in Volts
– 0.1
– 1
– 10
– 20
Capacitance as a Function of VGS
10
8
6
4
2
VDS = 30 V
VDS = 50 V
Gate Source Cutoff Voltage in Volts
Drain Saturation Current as a Function of VGS(OFF)
– 2
– 4
– 6
– 8
– 10
8
6
4
2
Free Air Temperature in
°C
Drain Saturation Current as a Function of Temperature
– 75
– 25
0
75
125
175
4
8
12
16
VDS = 150 V
VDS = 30 V
IDSS
= 9 mA
IDSS
= 5.5 mA
IDSS
= 2.5 mA
IDSS = 5.5 mA
IDSS = 2.5 mA
3.0
2.0
1.0
Drain to Source Voltage in Volts
0
5
10
15
20
Drain Current as a Function of VDS
VGS = –4 V
VGS = –3 V
VGS = –2 V
VGS = –1 V
VGS = Ø V
VGS(OFF) = Ð4.2 V
Databook.fxp
1/13/99 2:09 PM
Page F-25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com