Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ72 Datasheet(PDF) 2 Page - InterFET Corporation

Part # NJ72
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ72 Datasheet(HTML) 2 Page - InterFET Corporation

  NJ72 Datasheet HTML 1Page - InterFET Corporation NJ72 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01/99
F-27
NJ72 Process
Silicon Junction Field-Effect Transistor
Drain Source Cutoff Voltage in Volts
0
– 1– 2– 3– 4– 5– 6
Drain Saturation Current as a Function of VGS(OFF)
100
80
60
40
20
Gate Source Cutoff Voltage in Volts
Gfs as a Function of VGS(OFF)
Gate Source Voltage in Volts
Feedback Capacitance as a Function of VGS
0
– 4
– 8
– 12
– 16
VDS = Ø V
VDS = 5 V
VDS = 10 V
0
– 1
– 2
– 3
– 4
– 5
– 6
25
20
15
10
5
7
6
5
4
3
Gate Source Voltage in Volts
Input Capacitance as a Function of VGS
0
– 4
– 8
– 12
– 16
15
13
11
9
7
2
5
Drain Source Cutoff Voltage in Volts
0
– 1
– 2
– 3
– 4
– 5
– 6
Rds as a Function of VGS(OFF)
80
70
60
50
40
30
20
10
VDS = Ø V
VDS = 5 V
VDS = 10 V
25
20
15
10
5
Drain to Source Voltage in Volts
0
5
10
15
20
Drain Current as a Function of VDS
VGS = –2.0 V
VGS = –1.5 V
VGS = –1.0 V
VGS = –0.5 V
VGS = Ø V
VGS(OFF) = Ð2.3 V
Databook.fxp
1/13/99 2:09 PM
Page F-27



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com