Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS6 Datasheet(PDF) 1 Page - Thorlabs, Inc.

Part # TPS6
Description  24" x 12" (610 mm x 305 mm) LASER SAFETY SCREEN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THORLABS [Thorlabs, Inc.]
Direct Link  https://www.thorlabschina.cn/
Logo THORLABS - Thorlabs, Inc.

TPS6 Datasheet(HTML) 1 Page - Thorlabs, Inc.

  TPS6 Datasheet HTML 1Page - Thorlabs, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24.00in
609.6mm
12.00in
304.8mm
0.08in
2.0mm
0.79in
20.0mm
4.00in
101.6mm
8.00in
203.2mm
16.00in
406.4mm
20.00in
508.0mm
0.43in
11.0mm
45°
TYP
0.28in
7.0mm
MATERIAL
DRAWN
APPROVAL
REV
DATE
w w w . t h o r l a b s . c o m
ITEM #
APPROX WEIGHT
VALUES IN PARENTHESIS ARE CALCULATED
AND MAY CONTAIN ROUNDOFF ERRORS
DRAWING
PROJECTION
NAME
COPYRIGHT © 2015 BY THORLABS
FOR INFORMATION ONLY
NOT FOR MANUFACTURING PURPOSES
TPS6
1 kg
B
24" x 12" (610 mm x 305 mm)
LASER SAFETY SCREEN
ALUMINIUM
RE
CJL
14/OCT/10
14/OCT/10


Similar Part No. - TPS6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60100 TI1-TPS60100 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100 Datasheet
496Kb / 25P
REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100 Datasheet
986Kb / 25P
REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - TPS6

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
MDL-16166 VARITRONIX-MDL-16166 Datasheet
71Kb / 1P
12 CHARACTERS X 2 LINES CHARACTER SIZE : 3.15W X 5.50H mm (5 X 7 DOTS), 3.15W X 6.30H mm (5 X 8 DOTS)
MDL-24265 VARITRONIX-MDL-24265 Datasheet
71Kb / 1P
24 CHARACTERS X 2 LINE, CHARACTER SIZE: 3.15W X 4.50H mm (5 X 7 DOTS), 3.15W X 5.15H mm (5 X 8 DOTS)
MDL-24265-LED04 VARITRONIX-MDL-24265-LED04 Datasheet
81Kb / 1P
24 CHARACTERS X 2 LINE, CHARACTER SIZE: 3.15W X 4.50H mm (5 X 7 DOTS), 3.15W X 5.15H mm (5 X 8 DOTS)
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
12 x 12 mm Washable Halogen-Free Tactile Switches
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
List of Unclassifed Man...
B3F1020 ETC2-B3F1020 Datasheet
1Mb / 9P
A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
Schneider Electric
XUSZMD061 SCHNEIDER-XUSZMD061 Datasheet
69Kb / 2P
Mirrors for safety light curtains with fastening systems 715 mm - Hp = 610 mm
Jan 19, 2021
XUSZSC105 SCHNEIDER-XUSZSC105 Datasheet
79Kb / 3P
Column without mirror 1000 mm for safety light curtains - Hp = 610 mm
Jan 19, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com