Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0105 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T0105
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T0105 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T0105 Datasheet HTML 1Page - Inchange Semiconductor Company Limited T0105 Datasheet HTML 2Page - Inchange Semiconductor Company Limited T0105 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T0105
eq ACS108-6SN-TR
isc Thyristors
www.iscsemi.com
1
APPLICATIONS
Mesa glass passivation technology;
Have high blocking voltage and high temperature stability cleaner;
Electric tools such as motor speed controller;
Solid state relay;
Heating controller (temperature);
Other phase control circuit
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak reverse voltage
800
V
IT(AV)
On-state current Tc=80℃
1
A
ITSM
Surge non-repetitive on-state current ,T=10ms
16
A
PG(AV)
Average gate power
5
W
di/dt
Repetitive rate of rise of on-state current after triggering
50
A/us
I2t
I2t for fusing t = 10 ms
1.28
A2S
IGM
Peak gate current tp=20us ,Tj=125℃
1
A
Tj
Operating Junction temperature
-40 ~+125
℃
Tstg
Storage temperature
-40 ~+150
℃


Similar Part No. - T0105

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T0105 ISC-T0105 Datasheet
283Kb / 3P
isc Thyristors
2023-8-17
More results

Similar Description - T0105

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com