Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL016M Datasheet(PDF) 21 Page - SPANSION

Part # S29AL016M
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016M Datasheet(HTML) 21 Page - SPANSION

Back Button S29AL016M Datasheet HTML 17Page - SPANSION S29AL016M Datasheet HTML 18Page - SPANSION S29AL016M Datasheet HTML 19Page - SPANSION S29AL016M Datasheet HTML 20Page - SPANSION S29AL016M Datasheet HTML 21Page - SPANSION S29AL016M Datasheet HTML 22Page - SPANSION S29AL016M Datasheet HTML 23Page - SPANSION S29AL016M Datasheet HTML 24Page - SPANSION S29AL016M Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
October 11, 2006 S29AL016M_00_A7
S29AL016M
19
Data
Sheet
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a Flash memory region that enables
permanent part identification through an Electronic Serial Number (ESN). The
Secured Silicon Sector is 256 bytes in length, and uses a Secured Silicon Sector
Indicator Bit (DQ7) to indicate whether or not the Secured Silicon Sector is
locked when shipped from the factory. This bit is permanently set at the factory
and cannot be changed, which prevents cloning of a factory locked part. This en-
sures the security of the ESN once the product is shipped to the field.
The device is offered with the Secured Silicon Sector either customer lockable
(standard shipping option) or factory locked (contact a sales office or represen-
tative for ordering information). The customer-lockable version is shipped with
the Secured Silicon Sector unprotected, allowing customers to program the sec-
tor after receiving the device. The customer-lockable version also has the
Secured Silicon Sector Indicator Bit permanently set to a “0.” The factory-locked
version is always protected when shipped from the factory, and has the Secured
Silicon Sector Indicator Bit permanently set to a “1.” Thus, the Secured Silicon
Sector Indicator Bit prevents customer-lockable devices from being used to re-
place devices that are factory locked. Note that the ACC function and unlock
bypass modes are not available when the Secured Silicon Sector is enabled.
The Secured Silicon sector address space in this device is allocated as follows:
Table 5. Secured Silicon Sector Addressing
The system accesses the Secured Silicon Sector through a command sequence
(see “Enter Secured Silicon Sector/Exit Secured Silicon Sector Command Se-
quence”). After the system has written the Enter Secured Silicon Sector
command sequence, it may read the Secured Silicon Sector by using the ad-
dresses given in Table 5. This mode of operation continues until the system
issues the Exit Secured Silicon Sector command sequence, or until power is re-
moved from the device. On power-up, or following a hardware reset, the device
reverts to sending commands to sector SA0.
Customer Lockable: Secured Silicon Sector NOT Programmed or
Protected At the Factory
Unless otherwise specified, the device is shipped such that the customer may
program and protect the 256-byte Secured Silicon sector.
The system may program the Secured Silicon Sector using the write-buffer, ac-
celerated and/or unlock bypass methods, in addition to the standard
programming command sequence. See Command Definitions.
Programming and protecting the Secured Silicon Sector must be used with cau-
tion since, once protected, there is no procedure available for unprotecting the
Secured Silicon Sector area and none of the bits in the Secured Silicon Sector
memory space can be modified in any way.
Secured Silicon Sector Address
Range
Customer
Lockable
ESN Factory
Locked
ExpressFlash
Factory Locked
x16
x8
0F8000h–
0F8007h
1F0000h-
1F000Fh
Determined by
customer
ESN
ESN or determined
by customer
0F8008h–
0F807Fh
1F0010h-
1F00FFh
Unavailable
Determined
by customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com