Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ99 Datasheet(PDF) 1 Page - InterFET Corporation

Part # PJ99
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

PJ99 Datasheet(HTML) 1 Page - InterFET Corporation

  PJ99 Datasheet HTML 1Page - InterFET Corporation PJ99 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-30
01/99
PJ99 Process
Silicon Junction Field-Effect Transistor
¥ General Purpose Amplifier
¥ Analog Switch
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the PJ99 Process.
Datasheet
2N3993, 2N3993A
2N3994, 2N3994A
2N5114, 2N5115
2N5116
2SJ44
IFN5114, IFN5115
IFN5116
Datasheet
IFP44
J174, J175
J176, J177
P1086, P1087
VCR3P
At 25°C free air temperature:
PJ99 Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
30
40
V
IG = 1 µA, VDS = ØV
Reverse Gate Leakage Current
IGSS
0.5
1
nA
VGS = 20V, VDS = ØV
Drain Saturation Current (Pulsed)
IDSS
– 5
– 60
mA
VDS = – 15V, VGS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
18
V
VDS = – 15V, ID = 1 nA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
75
Ω
ID = 1 mA, VGS = ØV
f = 1 kHz
Forward Transconductance
gfs
15
mS
VDS = – 15V, VGS = ØV
f = 1 kHz
Input Capacitance
Ciss
18
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Feedback Capacitance
Ciss
4.5
pF
VDS = ØV, VGS = 10V
f = 1 MHz
Equivalent Noise Voltage
¯eN
8
nV/
√HZ V
DS = – 10 V, VGS = Ø V
f = 1 kHz
Turn On Delay Time
td(on)
5ns
Rise Time
tr
10
ns
VDD = – 10V, ID(ON) = – 15 mA
Turn Off Delay Time
td(off)
6ns
RL = 580 Ω, VGS(ON) = ØV
Fall Time
tf
5ns
VGS(OFF) = 12V
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
G
G
S-D
S-D
Die Size = 0.021" X 0.021"
All Bond Pads = 0.004" Sq.
Substrate is also Gate.
Databook.fxp
1/13/99 2:09 PM
Page F-30


Similar Part No. - PJ99

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ944 HAMMOND-PJ944 Datasheet
154Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ944 HAMMOND-PJ944 Datasheet
151Kb / 3P
Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
PJ944FS HAMMOND-PJ944FS Datasheet
114Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ944FS HAMMOND-PJ944FS Datasheet
151Kb / 3P
Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
PJ944P223 HAMMOND-PJ944P223 Datasheet
129Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJ99

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ01 INTERFET-NJ01 Datasheet
125Kb / 2P
Silicon Junction Field-Effect Transistor
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com