Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53_SMA-R50-0-3-111_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 53_SMA-R50-0-3-111_N
Description  Within Series Adaptor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

53_SMA-R50-0-3-111_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  53_SMA-R50-0-3-111_N Datasheet HTML 1Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
L-adaptor plug/jack
SMA-reverse plug (male) / SMA jack (female)
Reverse polarised interface
Interface standards
Series SMA-reverse - SUHNER-SMA-R50
Series SMA - IEC 60169-15_MIL-STD-348A/310_CECC 22110
Technical Data
Electrical Data
Impedance
50 Ω
Interface frequency max.
18 GHz
Mechanical Data
Number of matings
500
Weight
0.0058 kg
Environmental Data
Operating temperature
-65 °C to 165 °C
2011/65/EU (RoHS - including
2015/863 and 2017/2102)
compliant
Material Data
Interface - SMA-reverse plug (male)
Piece Parts
Material
Surface Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Insulator
PFA / PTFE
Coupling nut
Bronze
Gold Plating (Nickel underplated)
Gasket
VMQ (Silicone rubber)
Interface - SMA jack (female)
Piece Parts
Material
Surface Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Insulator
PFA / PTFE
Related Documents
Outline drawing
DOU-00042475
Ordering Information
Single package
53_SMA-R50-0-3/111_NE
Remarks
Reverse polarised interface (male side)
www.hubersuhner.com
HUBER+SUHNER is certified according to ISO 9001, ISO 14001, AS/EN9100, ISO/TS 16949 and IRIS.
Waiver: Fact and figures herein are for information only and do not represent any warranty of any kind.
Data Sheet
Within Series Adaptor
53_SMA-R50-0-3/111_N
Page 1/1
Document: DOC-0000194426 AB / PDO N / date of publication: 17.07.2020 08:58:22 / uncontrolled copy


Similar Part No. - 53_SMA-R50-0-3-111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
53_SMA-R50-0-3111_N HUBERSUHNER-53_SMA-R50-0-3111_N Datasheet
473Kb / 2P
COAXIAL ADAPTER, SMA-reverse, 50 Ohm, L-style, plug / jack (male / female)
More results

Similar Description - 53_SMA-R50-0-3-111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
31_MCX-50-0-1111_N HUBERSUHNER-31_MCX-50-0-1111_N Datasheet
801Kb / 1P
Within Series Adaptor
31_MMCX-50-0-1111_O HUBERSUHNER-31_MMCX-50-0-1111_O Datasheet
799Kb / 1P
Within Series Adaptor
31_PC1-50-0-1-111_UE HUBERSUHNER-31_PC1-50-0-1-111_UE Datasheet
829Kb / 1P
Within Series Adaptor
31_SMA-50-0-1-111_N HUBERSUHNER-31_SMA-50-0-1-111_N Datasheet
790Kb / 1P
Within Series Adaptor
31_TNC-50-0-1-133_N HUBERSUHNER-31_TNC-50-0-1-133_N Datasheet
792Kb / 1P
Within Series Adaptor
32_716-50-0-1-003_- HUBERSUHNER-32_716-50-0-1-003_- Datasheet
798Kb / 1P
Within Series Adaptor
32_716-50-0-2-133_W HUBERSUHNER-32_716-50-0-2-133_W Datasheet
794Kb / 1P
Within Series Adaptor
32_MBX-50-0-1-111_N HUBERSUHNER-32_MBX-50-0-1-111_N Datasheet
811Kb / 1P
Within Series Adaptor
32_MFBX-50-0-2-111_N HUBERSUHNER-32_MFBX-50-0-2-111_N Datasheet
819Kb / 1P
Within Series Adaptor
32_MMBX-50-0-13-111_N HUBERSUHNER-32_MMBX-50-0-13-111_N Datasheet
803Kb / 1P
Within Series Adaptor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com